Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA7850AH Datasheet(PDF) 10 Page - STMicroelectronics

Part No. TDA7850AH
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TDA7850AH Datasheet(HTML) 10 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical specifications
TDA7850A
10/16
Figure 8.
Distortion vs. output power
(RL = 2Ω)
Figure 9.
Distortion vs. frequency
(RL = 4Ω)
Figure 10.
Distortion vs. frequency
(RL = 2Ω)
Figure 11.
Crosstalk vs. frequency
Figure 12.
Supply voltage rejection vs.
frequency
Figure 13.
Output attenuation vs. supply
voltage
AC00068
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
V
S = 14.4 V
RL = 2Ω
f = 10 KHz
f = 1 KHz
AC00069
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
V
S = 14.4 V
R
L = 4Ω
P
o = 4 W
AC00070
0.001
0.01
0.1
1
10
10
100
1000
10000
100000
f (Hz)
THD (%)
V
S = 14.4 V
R
L = 2Ω
Po = 8 W
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
R
L = 4Ω
Po = 4 W
Rg = 600
Ω
f (Hz)
CROSSTALK (dB)
AC00071
AC00072
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
f (Hz)
SVR (dB)
Rg = 600Ω
Vripple = 1 Vrms
AC00073
-100
-80
-60
-40
-20
0
56
78
9
10
Vs (V)
OUTPUT ATTN (dB)
RL = 4
Ω
Po = 4 W ref


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn