Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI17NF25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STI17NF25
Description  N-channel 250V - 0.14廓 - 17A - TO-220/FP - DPAK - I2PAK Low gate charge STripFET??II Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI17NF25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STI17NF25 Datasheet HTML 3Page - STMicroelectronics STI17NF25 Datasheet HTML 4Page - STMicroelectronics STI17NF25 Datasheet HTML 5Page - STMicroelectronics STI17NF25 Datasheet HTML 6Page - STMicroelectronics STI17NF25 Datasheet HTML 7Page - STMicroelectronics STI17NF25 Datasheet HTML 8Page - STMicroelectronics STI17NF25 Datasheet HTML 9Page - STMicroelectronics STI17NF25 Datasheet HTML 10Page - STMicroelectronics STI17NF25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STI17NF25 - STD17NF25 - STF17NF25 - STP17NF25
Electrical characteristics
7/17
Figure 7.
Normalized BVDSS vs temperature
Figure 8.
Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage
vs temperature
Figure 12. Normalized on resistance vs
temperature


Similar Part No. - STI17NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
   Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
January 2016
More results

Similar Description - STI17NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
   N-channel 250V - 0.195廓 - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STP90NF03L STMICROELECTRONICS-STP90NF03L_05 Datasheet
248Kb / 13P
   N-channel 30V - 0.0056廓 -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
   N-channel 250V - 0.055廓 - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
   N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
   N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com