Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS640J Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54AS640J
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54AS640J Datasheet(HTML) 3 Page - Texas Instruments

  SN54AS640J Datasheet HTML 1Page - Texas Instruments SN54AS640J Datasheet HTML 2Page - Texas Instruments SN54AS640J Datasheet HTML 3Page - Texas Instruments SN54AS640J Datasheet HTML 4Page - Texas Instruments SN54AS640J Datasheet HTML 5Page - Texas Instruments SN54AS640J Datasheet HTML 6Page - Texas Instruments SN54AS640J Datasheet HTML 7Page - Texas Instruments SN54AS640J Datasheet HTML 8Page - Texas Instruments SN54AS640J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54ALS640B, SN54AS640, SN74ALS640B, SN74AS640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS122A – DECEMBER 1983 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS640B
SN74ALS640B
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 12 mA
2
V
IOH = – 15 mA
2
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA‡
0.35
0.5
II
Control inputs
VCC =5 5V
VI = 7 V
0.1
0.1
mA
II
A or B ports
VCC = 5.5 V
VI = 5.5 V
0.1
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
20
µA
IIH
A or B ports§
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.1
– 0.1
mA
IIL
A or B ports§
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
19
50
19
45
ICC
VCC = 5.5 V
Outputs low
27
60
27
55
mA
Outputs disabled
28
55
28
50
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX#
UNIT
SN54ALS640B
SN74ALS640B
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
2
14
2
11
ns
tPHL
A or B
B or A
2
13
2
10
ns
tPZH
OE
AorB
4
25
4
21
ns
tPZL
OE
A or B
5
27
5
24
ns
tPHZ
OE
AorB
2
12
2
10
ns
tPLZ
OE
A or B
3
20
3
15
ns
# For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54AS640J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS640J TI-SN54AS640J Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AS640J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com