Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F299NSR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F299NSR
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F299NSR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F299NSR Datasheet HTML 1Page - Texas Instruments SN74F299NSR Datasheet HTML 2Page - Texas Instruments SN74F299NSR Datasheet HTML 3Page - Texas Instruments SN74F299NSR Datasheet HTML 4Page - Texas Instruments SN74F299NSR Datasheet HTML 5Page - Texas Instruments SN74F299NSR Datasheet HTML 6Page - Texas Instruments SN74F299NSR Datasheet HTML 7Page - Texas Instruments SN74F299NSR Datasheet HTML 8Page - Texas Instruments SN74F299NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The SN54F299 is obsolete and no
longer supplied.
SN54F299, SN74F299
8BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3STATE OUTPUTS
SDFS071B − MARCH 1987 − REVISED APRIL 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: QA′ or QH′
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN54F299 (QA thru QH)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F299 (QA thru QH)
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
60
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input voltage ratings may be exceeded provided the input current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54F299
SN74F299
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
−18
−18
mA
IOH
High-level output current
QA′ or QH′
−1
−1
mA
IOH
High-level output current
QA thru QH
−3
−3
mA
IOL
Low-level output current
QA′ or QH′
20
20
mA
IOL
Low-level output current
QA thru QH
20
24
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74F299NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F299N TI-SN74F299N Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F299NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com