Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F299DWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F299DWR
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F299DWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74F299DWR Datasheet HTML 1Page - Texas Instruments SN74F299DWR Datasheet HTML 2Page - Texas Instruments SN74F299DWR Datasheet HTML 3Page - Texas Instruments SN74F299DWR Datasheet HTML 4Page - Texas Instruments SN74F299DWR Datasheet HTML 5Page - Texas Instruments SN74F299DWR Datasheet HTML 6Page - Texas Instruments SN74F299DWR Datasheet HTML 7Page - Texas Instruments SN74F299DWR Datasheet HTML 8Page - Texas Instruments SN74F299DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
The SN54F299 is obsolete and no
longer supplied.
SN54F299, SN74F299
8BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3STATE OUTPUTS
SDFS071B − MARCH 1987 − REVISED APRIL 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
′F299
SN54F299
SN74F299
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
70
100
65
70
MHz
tPLH
CLK
QA or QH
3.2
6.6
9
2.7
10.5
3.2
10
ns
tPHL
CLK
QA′ or QH′
2.7
6.1
8.5
2.2
10
2.7
9.5
ns
tPLH
CLK
QA thru QH
3.2
6.6
9
2.7
11
3.2
10
ns
tPHL
CLK
QA thru QH
4.2
8.1
11
3.7
12.5
4.2
12
ns
tPHL
CLR
QA′ or QH′
3.7
7.1
9.5
3.2
11.5
3.7
10.5
ns
tPHL
CLR
QA thru QH
5.7
10.6
14
5
15.5
5.7
15
ns
tPZH
OE1 or OE2
QA thru QH
2.7
5.6
8
2.2
10.5
2.7
9
ns
tPZL
OE1 or OE2
QA thru QH
3.2
6.6
10
2.7
12
3.2
11
ns
tPHZ
OE1 or OE2
QA thru QH
1.7
4.1
6
1.7
9
1.7
7
ns
tPLZ
OE1 or OE2
QA thru QH
1.2
3.6
5.5
1.2
7.5
1.2
6.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74F299DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F299DW TI-SN74F299DW Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F299DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com