Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX990ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX990ESA
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX990ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX990ESA Datasheet HTML 2Page - Maxim Integrated Products MAX990ESA Datasheet HTML 3Page - Maxim Integrated Products MAX990ESA Datasheet HTML 4Page - Maxim Integrated Products MAX990ESA Datasheet HTML 5Page - Maxim Integrated Products MAX990ESA Datasheet HTML 6Page - Maxim Integrated Products MAX990ESA Datasheet HTML 7Page - Maxim Integrated Products MAX990ESA Datasheet HTML 8Page - Maxim Integrated Products MAX990ESA Datasheet HTML 9Page - Maxim Integrated Products MAX990ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
6
_______________________________________________________________________________________
Pin Description
B3
1, 5, 8
No Connection. Not internally connected.
13
14
12
10
8
9
7
2
5
6
3
1
4
11
Comparator D Inverting Input
7
2
5
6
3
1
8
4
Comparator D Output
A3
B2
A1
B1
A2
Comparator D Noninverting Input
Comparator C Output
Comparator C Inverting Input
Comparator B Output
Comparator C Noninverting Input
Comparator A Inverting Input
Comparator B Noninverting Input
Comparator B Inverting Input
Comparator A Noninverting Input
Comparator A Output
2
7
Positive Supply Voltage
4
2
Comparator Inverting Input
5
4
Negative Supply Voltage
3
3
Comparator Noninverting Input
1
6
Comparator Output
SO/µMAX/
SOT23
MAX989
MAX990
MAX985
MAX986
UCSP*
SOT23/
SC70
SO
SO/
TSSOP
FUNCTION
PIN
NAME
N.C.
IND-
OUTD
IND+
INC+
OUTC
INC-
OUTB
INA-
INB+
INB-
INA+
OUTA
VCC
IN-
VEE
IN+
OUT
MAX993
MAX994
*MAX985 only


Similar Part No. - MAX990ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX990ESA MAXIM-MAX990ESA Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX990ESA++ MAXIM-MAX990ESA+ Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
More results

Similar Description - MAX990ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com