Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH619A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH619A
Description  Optocoupler, Photodarlington Output, High Gain, 300 BVCEO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH619A Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH619A Datasheet HTML 1Page - Vishay Siliconix SFH619A Datasheet HTML 2Page - Vishay Siliconix SFH619A Datasheet HTML 3Page - Vishay Siliconix SFH619A Datasheet HTML 4Page - Vishay Siliconix SFH619A Datasheet HTML 5Page - Vishay Siliconix SFH619A Datasheet HTML 6Page - Vishay Siliconix SFH619A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83674
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 25-Jan-08
1
Optocoupler, Photodarlington Output,
High Gain, 300 BVCEO
SFH619A
Vishay Semiconductors
DESCRIPTION
The SFH619A is optically coupled isolators with a gallium
arsenide infrared LED and a silicon photodarlington sensor.
Switching can be achieved while maintaining a high degree
of isolation between driving and load circuits. These
optocouplers can be used to replace reed and mercury
relays with advantages of long life, high speed switching and
elimination of magnetic fields.
FEATURES
• High collector emitter voltage, VCEO = 300 V
• High isolation test voltage: 5300 VRMS
• Standard plastic DIP-4 package
• Compatible with Toshiba TLP627
• Lead (Pb)-free component
• Component
in
accordance
to
RoHS
2002/95/EC and WEEE 2002/96/EC
AGENCY APPROVALS
• UL - file no. E52744 system code H or J
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• BSI IEC 60950; IEC 60065
•FIMKO
Note
For additional information on the available options refer to option information.
i179062
1
2
4
3
E
C
A
C
ORDER INFORMATION
PART
REMARKS
SFH619A
CTR > 1000 %, DIP-4
SFH619A-X007
CTR > 1000 %, SMD-4 (option 7)
SFH619A-X009
CTR > 1000 %, SMD-4 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VRM
6.0
V
Forward continuous current
IF
60
mA
Derate linearly from 25 °C
1.33
mW/°C
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter breakdown voltage
BVCEO
300
V
Emitter collector breakdown voltage
BVECO
0.3
V
Collector (load) current
IC
125
mA
Derate linearly from 25 °C
2.0
mW/°C
Power dissipation
Pdiss
150
mW
COUPLER
Derate linearly from 25 °C
3.33
mW/°C
Total power dissipation
Ptot
250
mW
Isolation test voltage between emitter
and detector, standard climate:
23 °C/50 % RH, DIN 50014
t = 1.0 s
VISO
5300
VRMS


Similar Part No. - SFH619A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, 300 V
Rev. 1.8, 13-Jan-12
SFH619A VISHAY-SFH619A Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2022
SFH619A VISHAY-SFH619A Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2023
SFH619A-X007T VISHAY-SFH619A-X007T Datasheet
134Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, 300 V
Rev. 1.8, 13-Jan-12
SFH619A-X007T VISHAY-SFH619A-X007T Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2022
More results

Similar Description - SFH619A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH619A VISHAY-SFH619A_V02 Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2023
SFH619A VISHAY-SFH619A_V01 Datasheet
202Kb / 10P
   Optocoupler, Photodarlington Output, High Gain, 300 V BVCEO
01-Jan-2022
SFH619A VISHAY-SFH619A Datasheet
134Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, 300 V
Rev. 1.8, 13-Jan-12
IL55B VISHAY-IL55B Datasheet
115Kb / 6P
   Optocoupler, Photodarlington Output, High Gain
Rev. 1.5, 26-Oct-04
SFH692AT VISHAY-SFH692AT Datasheet
75Kb / 5P
   Photodarlington Optocoupler, High BVCEO Voltage Miniflat SOP Package
Rev. 5, 25-Jun-03
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
TCED2100 VISHAY-TCED2100_V02 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com