Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30200CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR30200CT
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30200CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR30200CT_08 Datasheet HTML 1Page - Diodes Incorporated SBR30200CT_08 Datasheet HTML 2Page - Diodes Incorporated SBR30200CT_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR30200CT
SBR30200CTFP
30A SBR
®
SUPER BARRIER RECTIFIER
SBR is a registered trademark of Diodes Incorporated.
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: TO-220AB – 2.1 grams (approximate)
ITO-220AB – 1.9 grams (approximate)
TO-220AB
ITO-220AB
Package Pin Out
Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Average Rectified Output Current @ TC = 150ºC
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RθJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
200
-
-
V
IR = 0.1mA
Forward Voltage Drop
VF
-
-
0.72
0.98
0.88
V
IF = 15A, TJ = 25ºC
IF = 15A, TJ = 125ºC
Leakage Current (Note 1)
IR
-
-
0.1
10
mA
VR = 200V, TJ = 25ºC
VR = 200V, TJ = 125ºC
-
24
30
IF = 0.5A, IR = 1A, IRR =
0.25A
Reverse Recovery Time
trr
-
20
25
ns
IF = 1A, VR = 30V,
di/dt = 100A/
μs, TJ = 25ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
SBR30200
Document number: DS30994 Rev. 4 - 2
1 of 3
www.diodes.com
April 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - SBR30200CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30200CT-G DIODES-SBR30200CT-G Datasheet
172Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30200CTFP DIODES-SBR30200CTFP Datasheet
177Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR30200CTFP DIODES-SBR30200CTFP Datasheet
172Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30200CTFP-G DIODES-SBR30200CTFP-G Datasheet
172Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30200CTFP-JT-G DIODES-SBR30200CTFP-JT-G Datasheet
172Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30200CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com