Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CVSS-940 Datasheet(PDF) 1 Page - Crystek Corporation

Part No. CVSS-940
Description  High Frequency Sine Wave VCXO 9X14 mm SMD, 3.3V, SineWave
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CRYSTEKCRYSTAL [Crystek Corporation]
Homepage  http://www.crystekcrystals.com/crystal/default.asp
Logo 

CVSS-940 Datasheet(HTML) 1 Page - Crystek Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Applications:
10 Gigabit Ethernet
OC48: Forward Error Correction
Broadband Networks
SONET/SDH/DWD
ATM
Network/switch
Telecom
Designed using FR5 PCB & HFF crystal technology to
provide a Low Noise, Low Jitter Voltage Controlled
Crystal Oscillator with True Sinewave Output.
9X14 mm SMD,
3.3V, SineWave
CVSS-940 Model
77.760MHz to 500MHz
0°C to 70°C
-40°C to 85°C
-40°C to 100°C
3.3V ± 0.3V
1.65V ± 1.65V
1.65V ± 0.25V
30mA Max
True SineWave
±50ppm Min.
±10% Max
0 dBm Min.
2ms Typ., 10ms Max
-20dBc Max
None
-55 dBc Typ., -50 dBc Max
>10KHz @ -3dB
<5ps RMS (1-sigma) Max
<1ps RMS (1-sigma) Max,
<1ps RMS (1-sigma) Max,
-50 dBc/Hz
-80 dBc/Hz
-110 dBc/Hz
-135 dBc/Hz
-145 dBc/Hz
<3ppm 1st/yr, <2ppm every year thereafter
Frequency Range:
Temperature Range:
(Option X)
Storage:
Input Voltage:
Control Voltage:
Settability At Nominal:
Input Current:
Output:
Pullability APR:
Linearity:
Output Power:
Start-up time:
2nd Harmonic:
Sub-harmonics:
(77MHz~170MHz)
(171MHz~500MHz)
Modulation BW:
Period Jitter: (20,000 periods)
Phase Jitter:
12KHz~20MHz
50KHz~80MHz
Phase Noise Typ.:
10Hz
(@311.04MHz)
100Hz
1KHz
10KHz
100KHz
Aging:
TD-041205 Rev. B
Page 1 of 2
High Frequency
Sine Wave VCXO
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn