Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS45602 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # LBS45602
Description  456MHz IF SAW Filter 9MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS45602 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  LBS45602 Datasheet HTML 1Page - SIPAT Co,Ltd LBS45602 Datasheet HTML 2Page - SIPAT Co,Ltd LBS45602 Datasheet HTML 3Page - SIPAT Co,Ltd LBS45602 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS45602
Rev. Date
2007-06-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 4/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
456MHz IF SAW Filter
9MHz Bandwidth
Part Number: LBS45602
Maximum Ratings
Operating Temperature Range
°C
[-40°C;+85°C]
Storage Temperature Range
°C
[-40°C;+105°C]
DC Voltage
V
0
Input Power
dBm
10 max
ESD Class
1


Similar Part No. - LBS45602

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS45602 SIPAT-LBS45602 Datasheet
145Kb / 4P
   456MHz IF SAW Filter 9MHz Bandwidth
More results

Similar Description - LBS45602

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS45602 SIPAT-LBS45602 Datasheet
145Kb / 4P
   456MHz IF SAW Filter 9MHz Bandwidth
LBS45601 SIPAT-LBS45601 Datasheet
138Kb / 4P
   456MHz IF SAW Filter 5MHz Bandwidth
LBS45601 SIPAT-LBS45601 Datasheet
144Kb / 4P
   456MHz IF SAW Filter 5MHz Bandwidth
logo
Oscilent Corporation
807-IF456.0M-A OSCILENT-807-IF456.0M-A_14 Datasheet
119Kb / 4P
   456MHz IF SAW Filter 7.6MHz Bandwidth
logo
SIPAT Co,Ltd
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
   455.9MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
   830.05MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
   70MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com