Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CVHD-956 Datasheet(PDF) 1 Page - Crystek Corporation

Part No. CVHD-956
Description  HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CRYSTEKCRYSTAL [Crystek Corporation]
Homepage  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVHD-956 Datasheet(HTML) 1 Page - Crystek Corporation

  CVHD-956 Datasheet HTML 1Page - Crystek Corporation CVHD-956 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HCMOS/TTL VCXO
with Enable/Disable
Specifications subject to change without notice.
Applications:
Satellite uplinks/downlinks
High Definition Video Equipment
Switch Applications
Designed using FR5 PCB & HFF crystal technology to
provide a Low Noise, Low Jitter Voltage Controlled
Crystal Oscillator solution at a competitive price.
9X14 mm SMD, 3.3V, HCMOS/TTL
CVHD-956 Model
38.88 MHz to 180 MHz
0°C to 70°C
-40°C to 85°C
-55°C to 105°C
±25ppm, ±50ppm
3.3V ± 0.3V
30mA Max
1.65V ± 1.65V
1.65V ± 0.25V
HCMOS/TTL Compatible
45/55% Max
5ns Max @ 20% to 80% Vcc
±50ppm Min.
± 10% Max
30pF Max
2.4V Min
0.4V Max
I
OL= -24mA Max
I
OH= +24mA Max
100ns Max
2ms Typ., 10ms Max
10KHz @ -3dB Min.
3.5ps RMS (1-sigma) Max
0.5ps RMS (1-sigma) Max
25ps peak-to-peak Max
-60 dBc/Hz
-85 dBc/Hz
-115 dBc/Hz
-140 dBc/Hz
-160 dBc/Hz
<5ppm 1st/yr, <2ppm every year thereafter
Frequency Range:
Temperature Range:
(Option X)
Storage:
Frequency Stability:
Input Voltage:
Input Current:
Control Voltage:
Settability At Nominal:
Output:
Symmetry:
Rise/Fall Time:
Pullability APR:
Linearity:
Load:
Logic "1" Level:
Logic "0" Level:
Current:
Disable Time:
Start-up time:
Modulation BW:
Period Jitter: (20,000 periods)
Phase Jitter:
12KHz~40MHz
Total Jitter:
(100,000 periods)
Phase Noise:
10Hz
Typical @ 156.25MHz 100Hz
1KHz
10KHz
100KHz
Aging:
TD-040505 Rev. B
Page 1 of 2
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn