Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5970D_0710 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5970D_0710
Description  Up to 1A step down switching regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D_0710 Datasheet(HTML) 1 Page - STMicroelectronics

  L5970D_0710 Datasheet HTML 1Page - STMicroelectronics L5970D_0710 Datasheet HTML 2Page - STMicroelectronics L5970D_0710 Datasheet HTML 3Page - STMicroelectronics L5970D_0710 Datasheet HTML 4Page - STMicroelectronics L5970D_0710 Datasheet HTML 5Page - STMicroelectronics L5970D_0710 Datasheet HTML 6Page - STMicroelectronics L5970D_0710 Datasheet HTML 7Page - STMicroelectronics L5970D_0710 Datasheet HTML 8Page - STMicroelectronics L5970D_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2007
Rev 16
1/16
16
L5970D
Up to 1A step down switching regulator
Features
Up to 1A output current
Operating input voltage from 4.4V to 36V
3.3V / (±2%) reference voltage
Output voltage adjustable from 1.2V to 35V
Low dropout operation: 100% duty cycle
250KHz Internally fixed frequency
Voltage feedforward
Zero load current operation
Internal current limiting
Inhibit for zero current consumption
Synchronization
Protection against feedback disconnection
Thermal shutdown
Applications
Consumer: STB, DVD, TV, VCR, car radio,
LCD monitors
Networking: XDSL, modems, DC-DC modules
Computer: printers, audio/graphic cards,
optical storage, hard disk drive
Industrial: changers, car battery, DC-DC
converters
Figure 1.
Test application circuit
Description
The L5970D is a step down monolithic power
switching regulator capable to deliver up to 1A at
output voltages from 1.2V to 35V.
The device uses an internal P-Channel D-MOS
transistor (with a typical Rdson of 250m
Ω) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250KHz.
Having a minimum input voltage of 4.4V only, it is
particularly suitable for 5V bus, available in all
computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
SO8
www.st.com
D98IN954C
8
2
4
5
1
7
L5970D
C1
10
µF
35V
CERAMIC
C2
100
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
6
D1
STPS2L40U
3.3V
INH.
SYNC.
COMP
VCC
VREF
OUT
FB
GND
L1 33
µH


Similar Part No. - L5970D_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
More results

Similar Description - L5970D_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com