Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSRP130B1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SSRP130B1
Description  DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SSRP130B1 Datasheet(HTML) 6 Page - STMicroelectronics

  SSRP130B1 Datasheet HTML 1Page - STMicroelectronics SSRP130B1 Datasheet HTML 2Page - STMicroelectronics SSRP130B1 Datasheet HTML 3Page - STMicroelectronics SSRP130B1 Datasheet HTML 4Page - STMicroelectronics SSRP130B1 Datasheet HTML 5Page - STMicroelectronics SSRP130B1 Datasheet HTML 6Page - STMicroelectronics SSRP130B1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ORDER CODE
SSRP 130
B 1
RL
STAND-OFF VOLTAGE
PACKAGING:
RL = tape and reel.
= tube
SOLID STATE RELAY PROTECTION
Packaging : Products supplied in antistatic tubes
or tape and reel.
Weight : 0.08g
PACKAGE MECHANICAL DATA.
SO8 Plastic
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25 0.004
0.010
a2
1.65
0.065
b
0.35
0.48 0.014
0.019
b1
0.19
0.25 0.007
0.010
C
0.50
0.020
c1
45
°(typ)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.4
1.27 0.016
0.050
M
0.6
0.024
S8
° (max)
PACKAGE:
1 = SO8 Plastic.
Types
Package
Marking
SSRP130B1
SO8
SSR130
MARKING
MARKING : Logo, Date Code, Part Number.
SSRP130B1
6/7


Similar Part No. - SSRP130B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSRP105B1 STMICROELECTRONICS-SSRP105B1 Datasheet
55Kb / 6P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
SSRP105B1RL STMICROELECTRONICS-SSRP105B1RL Datasheet
55Kb / 6P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results

Similar Description - SSRP130B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSRP105B1 STMICROELECTRONICS-SSRP105B1 Datasheet
55Kb / 6P
   DUAL ASYMMETRICAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
   Tripolar overvoltage protection for telecom line
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
   OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP270M STMICROELECTRONICS-CLP270M Datasheet
368Kb / 24P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com