Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB3607PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFB3607PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB3607PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFB3607PBF Datasheet HTML 3Page - International Rectifier IRFB3607PBF Datasheet HTML 4Page - International Rectifier IRFB3607PBF Datasheet HTML 5Page - International Rectifier IRFB3607PBF Datasheet HTML 6Page - International Rectifier IRFB3607PBF Datasheet HTML 7Page - International Rectifier IRFB3607PBF Datasheet HTML 8Page - International Rectifier IRFB3607PBF Datasheet HTML 9Page - International Rectifier IRFB3607PBF Datasheet HTML 10Page - International Rectifier IRFB3607PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRFB/S/SL3607PbF
10
www.irf.com
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
GPUÃ8P9@
6TT@H7G`
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
96U@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
Q6SUÃIVH7@S
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
25
QSP9V8UÃPQUDPI6G
QÃ2Ã9@TDBI6U@TÃG@69AS@@
@Y6HQG@) UCDTÃDTÃ6IÃDSG" "G
GPUÃ8P9@Ã &'(
6TT@H7G`
Q6SUÃIVH7@S
96U@Ã8P9@
X@@FÃ (
GDI@Ã8
GPUÃ8P9@
`@6SÃ&Ã2Ã ((&
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRFB3607PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3607PBF IRF-IRFB3607PBF Datasheet
327Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
logo
Thinki Semiconductor Co...
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
   ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
More results

Similar Description - IRFB3607PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com