Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56301AG80 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56301AG80
Description  24-Bit Digital Signal Processor
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301AG80 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56301AG80 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
DSP56301 Technical Data, Rev. 10
Freescale Semiconductor
1-1
Signals/Connections
1
The DSP56301 input and output signals are organized into functional groups, as shown in Table 1-1 and illustrated
in Figure 1-1. The DSP56301 operates from a 3 V supply; however, some of the inputs can tolerate 5 V. A special
notice for this feature is added to the signal descriptions of those inputs.
Table 1-1.
DSP56301
Functional Signal Groupings
Functional Group
Number of
Signals by
Package Type
Detailed Description
TQFP
MAP-
BGA
Power (VCC)
1
25
45
Table 1-2
Ground (GND)1
26
38
Table 1-3
Clock
22
Table 1-4
PLL
33
Table 1-5
Address Bus
Port A2
24
24
Table 1-6
Data Bus
24
24
Table 1-7
Bus Control
15
15
Table 1-8
Interrupt and Mode Control
5
5
Table 1-9
Host Interface (HI32)
Port B3
52
52
Table 1-11
Enhanced Synchronous Serial Interface (ESSI)
Ports C and D4
12
12
Table 1-12 and
Table 1-13
Serial Communication Interface (SCI)
Port E5
33
Table 1-14
Timer
33
Table 1-15
JTAG/OnCE Port
66
Table 1-16
Notes:
1.
The number of available power and ground signals is package-dependent. In the TQFP package specific pins are dedicated
internally to device subsystems. In the MAP-BGA package, power and ground connections (except those providing PLL
power) connect to internal power and ground planes, respectively.
2.
Port A signals define the external memory interface port, including the external address bus, data bus, and control signals.
3.
Port B signals are the HI32 port signals multiplexed with the GPIO signals.
4.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
5.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
6.
Each device also includes several no connect (NC) pins. The number of NC connections is package-dependent: the TQFP
has 9 NCs and the MAP-BGA has 20 NCs. Do not connect any line, component, trace, or via to these pins. See Chapter 3
for details.


Similar Part No. - DSP56301AG80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56301AG80 NXP-DSP56301AG80 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results

Similar Description - DSP56301AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com