Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHX2091 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHX2091
Description  20-40GHz Frequency Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2091 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHX2091 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2091 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20-40GHz Frequency Multiplier
CHX2091
Ref. : DSCHX20914097- 06 Apr 04
3/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on jig Measurements
Bias conditions : vd = 3.5V , Vg1 = -0.9V , Vg2 tuned for Id = 50mA ( # -0.4V )
Pout = f(vd) for Pin = 12dBm Fin = 20GHz
Vg2 tuned for Id = 50mA ( # -0.4V )
0
2
4
6
8
10
12
14
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vd (V)
-35
-30
-25
-20
-15
-10
-5
0
Pout ( 2*Fin )
Pout ( Fin )
Pout = f(Vg2) for Pin = 12dBm, Fin = 20GHz & Vd = 3,5V
-8
-6
-4
-2
0
2
4
6
8
10
12
14
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Vg2 (V)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
Pout (2*Fin)
Pout (Fin)
Pout = f(Fin) for Pin=12dBm
-30
-25
-20
-15
-10
-5
0
5
10
15
16
17
18
19
20
21
22
23
Input Frequency (GHz)
Pout (2*Fin)
Pout (Fin)
Pout =F(Pin) temperature dependance for Fin=20GHz
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
5
6
7
8
9
10
11
12
13
14
15
16
17
Pin (dBm)
-40
-35
-30
-25
-20
-15
-10
-5
Fout=2XFin (-40°C)
Fout=2XFin (25°C)
Fout=2XFin (+80°C)
Fout=Fin (-40°C)
Fout=Fin (25°C
Fout=Fin (+80°C)


Similar Part No. - CHX2091

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2091 UMS-CHX2091 Datasheet
84Kb / 5P
   20-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091 Datasheet
90Kb / 4P
   20-40GHz Frequency Multiplier
CHX2091-99F/00 UMS-CHX2091-99F/00 Datasheet
84Kb / 5P
   20-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091_15 Datasheet
90Kb / 4P
   20-40GHz Frequency Multiplier
More results

Similar Description - CHX2091

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2091 UMS-CHX2091 Datasheet
84Kb / 5P
   20-40GHz Frequency Multiplier
CHX2091 UMS-CHX2091_15 Datasheet
90Kb / 4P
   20-40GHz Frequency Multiplier
CHX1162-QDG UMS-CHX1162-QDG_15 Datasheet
394Kb / 10P
   20-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_07 Datasheet
149Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A_15 Datasheet
105Kb / 6P
   10-40GHz Frequency Multiplier
CHX2092A UMS-CHX2092A Datasheet
61Kb / 4P
   10-40GHz Frequency Multiplier
CHX2191 UMS-CHX2191 Datasheet
226Kb / 6P
   20-42GHz Frequency Multiplier
logo
TriQuint Semiconductor
TGC1430G-EPU TRIQUINT-TGC1430G-EPU Datasheet
87Kb / 4P
   20 - 40 GHz X3 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F Datasheet
358Kb / 3P
   20 - 40 GHz X2 Frequency Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com