Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3693-QDG Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHR3693-QDG
Description  21-26.5GHz Down converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-QDG Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHR3693-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
21-26.5GHz Integrated Down Converter
CHR3693-QDG
Ref.: DSCHR3693-QDG-9252 - 09 Sep 09
9/12
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
NC
13-
GND
Units
mm
2-
GND
14-
GND
From the standard
JEDEC MO-220
3-
GND
15-
LO IN
(VGGD)
4-
RF IN
16-
GND
25- GND
5-
GND
17-
GND
6-
GND
18-
NC
7-
Vdl
19-
I-IF
OUT
8-
Vgm
20-
GND
9-
Vdx
21-
GND
10-
NC
22-
Q-IF
OUT
11-
NC
23-
NC
12-
Vgx
24-
NC
(1) The package outline drawing included to this data-sheet is given for indication. Refere to the
application note AN0017 available at http://www.ums-gaas.com for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “GND” through the PCB board.
R3693


Similar Part No. - CHR3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG20 UMS-CHR3693-QDG20 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG21 UMS-CHR3693-QDG21 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
   26.5GHz, 18GHz COAXIAL SWITCH
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
   Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com