Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR02AM-8 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CR02AM-8
Description  LOW POWER USE GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR02AM-8 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CR02AM-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR02AM-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR02AM-8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR02AM-8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR02AM-8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR02AM-8A
LOW POWER USE
GLASS PASSIVATION TYPE
102
10–2
100
101
101
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
7
5
3
2
10–223 5 7
23 5 7
10–1
102
23 5 7
23 5 7
VFGM = 6V
VGT = 0.8V
IGT = 100µA
(Tj = 25°C)
PGM = 0.1W
PG(AV) = 0.01W
VGD = 0.2V
IFGM = 0.1A
MAXIMUM AVERAGE POWER DISSIPATION
(SINGLE-PHASE HALF WAVE)
AVERAGE ON-STATE CURRENT (A)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE CURRENT (mA)
1.0
0.8
0.7
0.6
0.3
0.4
0.1
0
160
–40 –20
20
80
140
120
0.2
0.5
0.9
060
40
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
TYPICAL
EXAMPLE
DISTRIBUTION
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.4
0
0.1
0.2
0.3
θ = 30°
60°
120°
90°
180°
θ
360°
RESISTIVE,
INDUCTIVE
LOADS
23
10–3
5710–2 23 5 710–1 23 5 7 100
200
0
80
100
120
140
160
180
40
60
20
23
100
57 101 23 5 7 102 23 5 7 103
200
160
140
120
60
80
20
0
160
–40 –20
20
80
140
120
40
100
180
060
40
100
# 1
# 2
IGT (25°C)
# 1 32µA
# 2
9µA
TYPICAL EXAMPLE
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
TIME (s)
GATE CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE CHARACTERISTICS
See V3
60
–20
–40
–60
0 20 40
80 100 120 140
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
TYPICAL EXAMPLE
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)


Similar Part No. - CR02AM-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
103Kb / 8P
   Thyristor Low Power Use
CR02AM-8-A6 RENESAS-CR02AM-8-A6 Datasheet
103Kb / 8P
   Thyristor Low Power Use
CR02AM-8-E RENESAS-CR02AM-8-E Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR02AM-8-ETZ RENESAS-CR02AM-8-ETZ Datasheet
89Kb / 8P
   Thyristor Low Power Use
More results

Similar Description - CR02AM-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR1AM-12 MITSUBISHI-BCR1AM-12 Datasheet
106Kb / 5P
   LOW POWER USE GLASS PASSIVATION TYPE
CR04AM MITSUBISHI-CR04AM Datasheet
75Kb / 6P
   LOW POWER USE GLASS PASSIVATION TYPE
CR3PM MITSUBISHI-CR3PM Datasheet
70Kb / 5P
   LOW POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3EM MITSUBISHI-CR3EM Datasheet
65Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3JM MITSUBISHI-CR3JM Datasheet
67Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3AMZ MITSUBISHI-CR3AMZ Datasheet
65Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com