Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2244 Datasheet(PDF) 16 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 16 Page - United Monolithic Semiconductors

Back Button CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 10Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 11Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 12Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 13Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 14Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 15Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 16Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
16/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Ordering Information
Package form :
CHR2244-QDG/20
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces
all information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorized
for use as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
More results

Similar Description - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
logo
World Produts Inc.
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
   5.8 GHz Directional Antenna
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
   5.8 GHZ DIELECTRIC ANTENNA
logo
Alpha Industries
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
   GaAs IC Reflective SPDT DC-6 GHz
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com