Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2244 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2244
Description  5.8 GHz One Antenna Reflective Transponder for Tag GaAs Monolithic Microwave IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2244 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2244 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2244 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CHR2244
5.8 GHz One Antenna Reflective Tag
Ref. : DSCHR2244QDG5053 - 22 Feb 05
4/16
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
QFN-24 Package / Pad Allocation
Pin number
Pin name
Description
4, 5, 6, 8, 9,
10, 16, 18, 23,
24
Non Connected
1
RF
RF port
2
TR
Transmit / Receive input port
3
MOD
Modulation input port
7
SENS
Stand-by sensitivity adjust port
11
Vcc
Supply voltage
12
Ga_SB
Stand-by amplifiers Gain adjust port
13
SB_out
Stand-by output port
14
C4
External decoupling
15
DATA_out
Downlink output port
17
WK_in
Supply voltage input port for wake-up
19
Ad
Wake-up threshold adjust port
20
Ga_WK
Wake-up amplifiers Gain adjust port (optional)
21
Cg
External decoupling
22
Fd
External decoupling


Similar Part No. - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
More results

Similar Description - CHR2244

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2244-QDG UMS-CHR2244-QDG_15 Datasheet
562Kb / 14P
   5.8 GHz One Antenna Reflective Transponder for Tag
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
   GaAs Monolithic Microwave IC
logo
World Produts Inc.
WPANT30058-RA WPI-WPANT30058-RA Datasheet
67Kb / 2P
   5.8 GHz Directional Antenna
logo
TOKO, Inc
DAT TOKO-DAT Datasheet
103Kb / 2P
   5.8 GHZ DIELECTRIC ANTENNA
logo
Alpha Industries
AS209-321 ALPHA-AS209-321 Datasheet
185Kb / 3P
   GaAs IC Reflective SPDT DC-6 GHz
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
   5.8 GHz Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com