Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8177ABPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8177ABPZ
Description  500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8177ABPZ Datasheet(HTML) 1 Page - Analog Devices

  AD8177ABPZ Datasheet HTML 1Page - Analog Devices AD8177ABPZ Datasheet HTML 2Page - Analog Devices AD8177ABPZ Datasheet HTML 3Page - Analog Devices AD8177ABPZ Datasheet HTML 4Page - Analog Devices AD8177ABPZ Datasheet HTML 5Page - Analog Devices AD8177ABPZ Datasheet HTML 6Page - Analog Devices AD8177ABPZ Datasheet HTML 7Page - Analog Devices AD8177ABPZ Datasheet HTML 8Page - Analog Devices AD8177ABPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
500 MHz, Triple 16 × 5
Video Crosspoint Switch
AD8177
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
High channel count, triple 16 × 5 high speed, nonblocking
switch array
Pin compatible with AD8175/AD8176 (16 × 9 switch arrays)
and AD8178 (16 × 5 switch array)
Differential or single-ended operation
Supports sync-on common-mode and sync-on color
operating modes
Decoded HV sync outputs available
G = +2 operation (differential input to differential output)
Flexible power supplies: +5 V or ±2.5 V
Logic ground for convenient control interface
Serial or parallel programming of switch array
High impedance output disable allows connection of
multiple devices with minimal loading on output bus
Adjustable output CM and black level through external pins
Excellent ac performance (to support 1600 × 1200 @ 85 Hz)
Bandwidth: 500 MHz
Slew rate: 1800 V/μs
Settling time: 4 ns to 1%
Low power of 2.3 W
Low all-hostile crosstalk
−88 dB @ 5 MHz
−46 dB @ 500 MHz
Wide input common-mode range of 4 V
Reset pin allows disabling of all outputs
Fully populated 26 × 26 ball PBGA package
(27 mm × 27 mm, 1 mm ball pitch)
Convenient grouping of RGB signals for easy routing
APPLICATIONS
RGB video switching
KVM
Professional video
FUNCTIONAL BLOCK DIAGRAM
2
2
2
2
2
2
2
2
2
2
2
2
INPUT
RECEIVER
G = +1
OUTPUT
BUFFER
G = +1
5
80
25
VBLK
VOCM_CMENCON
VOCM_CMENCOFF
R
G
B
R
G
B
CMENC
SERIN
RST
UPDATE
CLK
WE
SER/PAR
D0 D1 D2 D3 D4 VPOS VNEG VDD
DGND
SEROUT
H
B
G
R
V
H
B
G
R
V
25
A0
A1
A2
AD8177
CS
1
0
SWITCH
MATRIX
G = +2
45-BIT SHIFT
REGISTER WITH
5-BIT PARALLEL
LOADING
DECODE
5 × 5:16 DECODERS
PARALLEL LATCH
20
NO
CONNECT
CLR
Figure 1.
GENERAL DESCRIPTION
The AD8177 is a high speed, triple 16 × 5 video crosspoint
switch matrix. It supports 1600 × 1200 RGB displays @ 85 Hz
refresh rate by offering a 500 MHz bandwidth and a slew rate of
1800 V/μs. With −88 dB of crosstalk and −94 dB isolation
(@ 5 MHz), the AD8177 is useful in many high speed video
applications.
The AD8177 supports two modes of operation: differential-in
to differential-out mode with sync-on CM signaling passed
through the switch and differential-in to differential-out mode
with CM signaling removed through the switch. The output
CM and black level can be conveniently set via external pins.
The independent output buffers of the AD8177 can be placed
into a high impedance state to create larger arrays by paralleling
crosspoint outputs. Inputs can be paralleled as well. The
AD8177 offers both serial and parallel programming modes.
The AD8177 is packaged in a fully populated 26 × 26 ball
PBGA package and is available over the extended industrial
temperature range of −40°C to +85°C.


Similar Part No. - AD8177ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
More results

Similar Description - AD8177ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com