Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS16018 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS16018
Description  160MHz High-Loss SAW Filter 2.5MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS16018 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS16018 Datasheet HTML 1Page - SIPAT Co,Ltd LBS16018 Datasheet HTML 2Page - SIPAT Co,Ltd LBS16018 Datasheet HTML 3Page - SIPAT Co,Ltd LBS16018 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP LBS16018
Rev. Date
2004-12-6
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz High-Loss SAW Filter
2.5MHz Bandwidth
Part Number: LBS16018
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.92
160
160.08
Insertion Loss
dB
-
22.5
24.5
1 dB Bandwidth
MHz
2.5
2.58
-
3 dB Bandwidth
MHz
-
2.73
-
40 dB Bandwidth
MHz
-
3.27
3.3
Amplitude Ripple(f0±1.15MHz)
dB
-
0.6
1
Group delay Variation(f0±1.15MHz)
nsec
-
230
300
Phase Linearity(f0±1.15MHz)
degree
-
3.5
-
Ultimate Rejection
dB
40
47
-
Absolute Delay
usec
-
4.55
4.6
Subatrate Material
Quartz
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=15nH L2=47nH L3=27nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBS16018

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16018 SIPAT-LBS16018 Datasheet
153Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
More results

Similar Description - LBS16018

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16016 SIPAT-LBS16016 Datasheet
287Kb / 3P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16020 SIPAT-LBS16020 Datasheet
145Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16018 SIPAT-LBS16018 Datasheet
153Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
293Kb / 3P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16020 SIPAT-LBS16020 Datasheet
150Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16017 SIPAT-LBS16017 Datasheet
277Kb / 3P
   160MHz High-Loss SAW Filter 4.3MHz Bandwidth
LBS16017 SIPAT-LBS16017 Datasheet
283Kb / 3P
   160MHz High-Loss SAW Filter 4.3MHz Bandwidth
logo
Oscilent Corporation
813-SL160.0M-10 OSCILENT-813-SL160.0M-10_14 Datasheet
120Kb / 4P
   Low-Loss 160MHz IF SAW Filter 9.5MHz Bandwidth
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
346Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
   106.5MHz SAW Filter 2.5MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com