Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08051A105FAT4A Datasheet(PDF) 6 Page - AVX Corporation

Part # 08051A105FAT4A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051A105FAT4A Datasheet(HTML) 6 Page - AVX Corporation

Back Button 08051A105FAT4A Datasheet HTML 2Page - AVX Corporation 08051A105FAT4A Datasheet HTML 3Page - AVX Corporation 08051A105FAT4A Datasheet HTML 4Page - AVX Corporation 08051A105FAT4A Datasheet HTML 5Page - AVX Corporation 08051A105FAT4A Datasheet HTML 6Page - AVX Corporation 08051A105FAT4A Datasheet HTML 7Page - AVX Corporation 08051A105FAT4A Datasheet HTML 8Page - AVX Corporation 08051A105FAT4A Datasheet HTML 9Page - AVX Corporation 08051A105FAT4A Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
5
C0G (NP0) Dielectric
Typical Characteristic Curves**
Typical Capacitance Change
Envelope: 0
± 30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
1,000
10,000
100
0
+20
+25
+40
+60
+80
Temperature
°C
Insulation Resistance vs Temperature
+100
10
100
1000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
1000 pF - C0G (NP0)
1.0
0.1
10
1206
0805
1812
1210
10
100
1000
Frequency, MHz
Variation of Impedance with Ceramic Formulation
Impedance vs. Frequency
1000 pF - C0G (NP0) vs X7R
0805
0.10
0.01
1.00
X7R
NPO
10.00
+1
+2
0
-1
-2
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
* Standard Sizes
** For additional information on performance changes with operating conditions consult AVX’s software SpiCap.
SUMMARY OF CAPACITANCE RANGES VS. CHIP SIZE
Style
25V
50V
100V
200V
0402*
0.5pF - 220pF
0.5pF - 120pF
0504
0.5pF - 330pF
0.5pF - 150pF
0.5pF - 68pF
0603*
0.5pF - 1nF
0.5pF - 1nF
0.5pF - 330pF
0805*
0.5pF - 4.7nF
0.5pF - 2.2nF
0.5pF - 1nF
0.5pF - 470pF
1206*
0.5pF - 10nF
0.5pF - 4.7nF
0.5pF - 2.2nF
0.5pF - 1nF
1210*
560pF - 10nF
560pF - 10nF
560pF - 3.9nF
560pF - 1.5nF
1505
10pF - 1.5nF
10pF - 820pF
10pF - 560pF
1808
1nF - 4.7nF
1nF - 3.9nF
1nF - 2.2nF
1812*
1nF - 15nF
1nF - 10nF
1nF - 4.7nF
1nF - 3.3nF
1825*
1nF - 22nF
1nF - 12nF
1nF - 6.8nF
2220
4.7nF - 47nF
4.7nF - 39nF
3.3nF - 27nF
2225
1nF - 100nF
1nF - 39nF
1nF - 39nF
1,000
10,000
100
1
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
0805 - C0G (NP0)
10 pF vs. 100 pF vs. 1000 pF
10 pF
100 pF
1000 pF
1.0
0.1
10.0
100,000


Similar Part No. - 08051A105FAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08051A101B72A AVX-08051A101B72A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08051A101BA2A AVX-08051A101BA2A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08051A101BA72A AVX-08051A101BA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08051A101BA72A AVX-08051A101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08051A101BA72A ETC2-08051A101BA72A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results

Similar Description - 08051A105FAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com