Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB24S1.5-12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DB24S1.5-12
Description  2:1 Input Voltage Range 40 Watt DC/DC Converter Single, Dual, and Triple Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DB24S1.5-12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DB24S1.5-12 Datasheet HTML 1Page - Wall Industries,Inc. DB24S1.5-12 Datasheet HTML 2Page - Wall Industries,Inc. DB24S1.5-12 Datasheet HTML 3Page - Wall Industries,Inc. DB24S1.5-12 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DB Series
2:1 Input Voltage Range
40 Watt DC/DC Converter
Single, Dual, and Triple Outputs
FEATURES
● High Efficiency up to 90%
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 2:1 Wide Input Voltage Range
● 40 Watts Maximum Output power
● Standard 2.02” x 2.02” x 0.4” Package
● International Safety Standard Approval
● Single, Dual, Dual Positive (Total Output Current 8A), and Triple Outputs Available
SPECIFICATIONS: DB Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input .......................... 9-18VDC
24V nominal input ........................ 18-36VDC
48V nominal input ........................ 36-75VDC
Under Voltage Lockout
12V nominal input........... DC-DC ON...........................................9VDC
DC-DC OFF .........................................8VDC
24V nominal input........... DC-DC ON......................................17.8VDC
DC-DC OFF .......................................16VDC
48V nominal input........... DC-DC ON.........................................36VDC
DC-DC OFF .......................................34VDC
Input Filter .................................................................................... L-C Type
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ............... 12V input ...................36VDC
24V input ...................50VDC
48V input .................100VDC
Input Reflected Ripple Current (See Note 6) ................................40mAp-p
(nominal Vin and full load)
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................25ms typ.
Remote ON/OFF ....................................................................25ms typ.
Remote ON/OFF (See Note 7)
DC-DC ON .....................................................Open or 3.5V < Vr < 12V
DC-DC OFF......................................................Short or 0V < Vr < 1.2V
Remote Off Input Current (nominal Vin) ...........................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nom Vin and full load) .........Single & Dual............. ±1%
Triple (main) .............. ±1%
(auxiliary)......... ±5%
Voltage Adjustability (See Note 1) ..................................................... ±10%
(Single & Dual Outputs only-not including Dual positive & triple)
Output Current ..............................................................................see table
Output Power ........................................................................ 40 watts max.
Line Regulation (LL to HL at FL).................. Single & Dual.............. ±0.5%
Triple (main) .................. ±1%
Triple (auxiliary) ............. ±5%
Load Regulation (See Note 3) ..................... Single......................... ±0.5%
(10% to 100% FL)
Dual ............................... ±1%
Triple (main) .................. ±2%
(auxiliary) ............. ±5%
Load Cross Regulation (See Note 4) ....... Triple (main) ...................... ±1%
Dual/Triple (auxiliary)......... ±5%
OUTPUT SPECIFICATIONS (CONTINUED)
Minimum Load (See Note 2)........... Single & Dual Positive..................... 0%
Dual & Triple ........................ 10% of FL
Ripple/Noise (See Note 5)..............................................................see table
(20MHz -Measured with a 104pF/50V MLCC)
Transient Response Recovery Time ...................................................250us
(25% load step change)
PROTECTION SPECIFICATIONS
Over Voltage Protection ................................... 1.5V Output................. 3.9V
(Zener diode clamp)
1.8V Output................. 3.9V
2.5V Output................. 3.9V
3.3V Output................. 3.9V
5V Output.................... 6.2V
12V Output................... 15V
15V Output................... 18V
Over Load Protection (% of FL at nominal input) ....................... 150% max.
Short Circuit Protection...................................... Hiccup, automatic recovery
Over Temperature Protection .......................................................115°C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency (See Note 8)............................................300KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Voltage (Input/Output to Case) ............................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C to +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ........................................................... +100°C
Relative Humidity...................................................................5% to 95% RH
Temperature Coefficient ................................................... ±0.02% / °C max.
Thermal Impedance (See Note 10)
Natural Convection ............................................................ 9.2°C / Watt
Heat-Sink with 20LFM ......................................................... 7.6°C/Watt
Heat-Sink with 500LFM ....................................................... 2.8°C/Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 9) .............................................................. 1.398 x 10
6 hrs
UL E155800
TUV
CB
CE MARK


Similar Part No. - DB24S1.5-12

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB240A SY-DB240A Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB240A JINANJINGHENG-DB240A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
DB240K SY-DB240K Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
DB240R SY-DB240R Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB240R JINANJINGHENG-DB240R Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
More results

Similar Description - DB24S1.5-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW WALL-DBW Datasheet
107Kb / 4P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com