Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFC12S5-3000 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFC12S5-3000
Description  Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12S5-3000 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFC12S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. JFC12S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. JFC12S5-3000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFC Series
Single Output
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
MECHANICAL DRAWING
PIN CONNECTION
PIN
JFC SERIES
1
+INPUT
2
-INPUT
3
ON/OFF
4
+Vout
5
TRIM
6
-Vout
PRODUCT STANDARD TABLE
Option
Suffix
Negative Remote ON/OFF
R
Positive Remote ON/OFF
Blank
Without ON/OFF pin
D
Without ON/OFF & TRIM pin
G
Negative Remote ON/OFF without TRIM pin
RF
Positive Remote ON/OFF without TRIM pin
F
EXTERNAL OUTPUT TRIMMING
6
5
4
TRIM
UP
TRIM
DOWN
RT1
or
RT2
Output can be externally trimmed by using
the method shown below.
NOTES:
1. All dimensions in inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance: ±0.01 (0.25)
Recommended Filter for EN55022 Class B Compliance
The components used in Figure 1, together with the manufacturers’
part numbers for these components, are as follows:
C1
C2
C3
C4 & C5
L1
JFC12Sxx-xxxx
10uF/25V
10uF/25V
N/A
470pF/2KV
145uH
Common Choke
JFC24Sxx-xxxx
6.8uF/50V
6.8uF/50V
N/A
470pF/2KV
325uH
Common Choke
JFC48Sxx-xxxx 2.2uF/100V 2.2uF/100V
2.2uF/100V
470pF/2KV
620uH
Common Choke
Recommended EN55022 Class B Filter Circuit Layout
JFC
SERIES


Similar Part No. - JFC12S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
140Kb / 5P
   15 Watt DC/DC Converter
JFC12S5-3000 WALL-JFC12S5-3000 Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S5-3000D WALL-JFC12S5-3000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S5-3000F WALL-JFC12S5-3000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12S5-3000G WALL-JFC12S5-3000G Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC12S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
CMZF WALL-CMZF Datasheet
250Kb / 3P
   30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
   20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDD WALL-CMDD Datasheet
250Kb / 3P
   60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com