Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4614BL Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4614BL
Description  Complementary Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4614BL Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4614BL Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4614BL Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AO4614B
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.7
-2
-3
V
ID(ON)
-30
A
36
45
TJ=125°C
52
65
50
63
gFS
13
S
VSD
-0.76
-1
V
IS
-2
A
Ciss
940
1175
pF
Coss
97
pF
Crss
72
pF
Rg
14
Qg (-10V)
17
22
nC
Qg (-4.5V)
7.9
10
nC
Qgs
3.4
nC
Qgd
3.2
nC
tD(on)
6.2
ns
tr
8.4
ns
tD(off)
44.8
ns
tf
41.2
ns
trr
21
27
ns
Qrr
14
nC
9
12
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
P-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID= -250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS= -40V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
Gate Threshold Voltage
VDS=VGS ID= -250µA
On state drain current
VGS= -10V, VDS= -5V
m
VDS= -5V, ID= -5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS= -10V, ID= -5A
VGS= -4.5V, ID= -4A
Diode Forward Voltage
IS= -1A,VGS=0V
Maximum Body-Diode Continuous Current
Reverse Transfer Capacitance
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS= -20V, f=1MHz
Gate resistance
Output Capacitance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS= -10V, VDS= -20V,
ID= -5A
VGS= -10V, VDS= -20V, RL=4Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
Total Gate Charge
Body Diode Reverse Recovery Time
IF= -5A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF= -5A, dI/dt=100A/µs
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with
T A =25°C. The value in any given application depends on the user's specific board design. The current rating is based on the
t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with
T A=25°C. The SOA curve provides a single pulse rating.
Rev0 : Sept 2007
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4614BL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4614B VBSEMI-AO4614B Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4614B-HF KEXIN-AO4614B-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B_11 Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
More results

Similar Description - AO4614BL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO4622 AOSMD-AO4622 Datasheet
189Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
AO7600 ETC1-AO7600 Datasheet
139Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4604 AOSMD-AO4604_09 Datasheet
343Kb / 9P
   Complementary Enhancement Mode Field Effect Transistor
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com