Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS5-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFS5-12
Description  AC-DC Converter Compact Miniature Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFS5-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Electrical specifications
Voltage
AC85~264V (or DC 110~340V) 50/60Hz (note)
Current
0.15A Max. @ 110VAC / 0.08A Max. @ 220VAC
Frequency
47~440Hz Max. (50~60Hz typ.)
Efficiency
75% Typ.
Inrush current (at cold start)
20A Max. @ 120VAC. / 40A Max. @ 240VAC
INPUT
Leakage current
0.5mA Max. @ 110VAC / 0.75mA Max. @ 220VAC
Voltage tolerance (accuracy)
±2% Max (single and uncomplementary dual).
±3% Max (complementary dual).
Ripple and noise
±1% Typ.
Line regulation
±1% Typ.
Load regulation
±1% Typ.@output1 , ±2% Typ.@output2
Dynamic load regulation
±3% Typ.@output1
Temperature regulation
±1% Typ.
No-load power consumption
0.3W Max.
Rising time
100ms Max.
OUTPUT
Hold up time
10ms Min.
Protection circuit
Over voltage protection
Clamp, 130~150%
Over current protection
Works at over 105% of rating & recovers automatically
Over temperature protection
150℃ Latching, Recovering
Isolation specifications
Isolation Resistance
DC 500V, 100MOhms Min.
Input-Output Isolation Voltage
AC 3KV, 1minute, 10mA.
General specifications
Switching frequency
100kHz
Calculated MTBF
4.5*10
5 hrs
Weight
40g or less
NOTE: For cases that conform various safety specifications(UL, CSA, CE, CB etc). It require input
voltage and frequency range will be 100-240Vac, 50~60Hz.


Similar Part No. - SFS5-12

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS5.0A SECOS-SFS5.0A Datasheet
340Kb / 3P
   Voltage 5 V ~ 54V 200W Peak Power TVS
SFS51A SECOS-SFS51A Datasheet
340Kb / 3P
   Voltage 5 V ~ 54V 200W Peak Power TVS
logo
Z-Communications, Inc
SFS5200A-LF ZCOMM-SFS5200A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS5-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGS152415 ETC2-MGS152415 Datasheet
1Mb / 20P
   Compact and general use type Isolated type DC-DC converter
MG15 ETC2-MG15 Datasheet
960Kb / 3P
   Compact and general use type Isolated type DC-DC converter
logo
Bellnix Co.,Ltd.
BLC05 BELLNIX-BLC05 Datasheet
568Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLC12 BELLNIX-BLC12 Datasheet
484Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
BLA12 BELLNIX-BLA12 Datasheet
427Kb / 11P
   Ultra Low Noise, Ultra Compact, Isolated type DC-DC Converter
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com