Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS13701 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS13701
Description  136.6MHz SAW Filter 3MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13701 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS13701 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13701 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13701 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13701
Rev. Date
2006-6-23
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
136.6MHz SAW Filter
3MHz Bandwidth
Part Number: LBS13701
Typical Performance
Frequency Respond
Passband Respond
128.6
130.6
132.6
134.6
136.6
138.6
140.6
142.6
144.6
-113.5277
-103.5277
-93.5277
-83.5277
-73.5277
-63.5277
-53.5277
-43.5277
-33.5277
-23.5277
135
135.5
136
136.5
137
137.5
138
138.5
-26
-25.5
-25
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
Group Delay Variation(f0±1.3MHz)
Phase Linearity(f0±1.3MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS13701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13701 SIPAT-LBS13701 Datasheet
145Kb / 3P
   136.6MHz SAW Filter 3MHz Bandwidth
More results

Similar Description - LBS13701

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13701 SIPAT-LBS13701 Datasheet
145Kb / 3P
   136.6MHz SAW Filter 3MHz Bandwidth
LBS13702 SIPAT-LBS13702 Datasheet
150Kb / 4P
   136.6MHz IF SAW Filter 2MHz Bandwidth
LBS13702 SIPAT-LBS13702 Datasheet
144Kb / 4P
   136.6MHz IF SAW Filter 2MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
148Kb / 3P
   80MHz SAW Filter 3MHz Bandwidth
LBS13703 SIPAT-LBS13703 Datasheet
147Kb / 3P
   136.7MHz SAW Filter 3MHz Bandwidth
LBS10401 SIPAT-LBS10401 Datasheet
147Kb / 3P
   103.8MHz SAW Filter 3MHz Bandwidth
LBT70A46 SIPAT-LBT70A46 Datasheet
193Kb / 3P
   70MHz SAW Filter 3MHz Bandwidth
LBS12102 SIPAT-LBS12102 Datasheet
145Kb / 3P
   121MHz SAW Filter 3MHz Bandwidth
LBS13601 SIPAT-LBS13601 Datasheet
147Kb / 3P
   136.2MHz SAW Filter 3MHz Bandwidth
LBS09301 SIPAT-LBS09301 Datasheet
138Kb / 3P
   93MHz SAW Filter 3MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com