Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08052A100DAT4A Datasheet(PDF) 25 Page - AVX Corporation

Part # 08052A100DAT4A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052A100DAT4A Datasheet(HTML) 25 Page - AVX Corporation

Back Button 08052A100DAT4A Datasheet HTML 21Page - AVX Corporation 08052A100DAT4A Datasheet HTML 22Page - AVX Corporation 08052A100DAT4A Datasheet HTML 23Page - AVX Corporation 08052A100DAT4A Datasheet HTML 24Page - AVX Corporation 08052A100DAT4A Datasheet HTML 25Page - AVX Corporation 08052A100DAT4A Datasheet HTML 26Page - AVX Corporation 08052A100DAT4A Datasheet HTML 27Page - AVX Corporation 08052A100DAT4A Datasheet HTML 28Page - AVX Corporation 08052A100DAT4A Datasheet HTML 29Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
24
General Specifications
Mechanical
Specification
No evidence of peeling of end terminal
Measuring Conditions
After soldering devices to circuit board apply 5N
(0.51kg f) for 10 ± 1 seconds, please refer to Figure 1.
Specification
Appearance:
No visual defects
Capacitance
Within specified tolerance
Q, Tan Delta
To meet initial requirement
Insulation Resistance
C0G (NP0), X7R
Initial Value x 0.3
Z5U, Y5V
Initial Value x 0.1
Measuring Conditions
Vibration Frequency
10-2000 Hz
Maximum Acceleration
20G
Swing Width
1.5mm
Test Time
X, Y, Z axis for 2 hours each, total 6 hours of test
END TERMINATION ADHERENCE
RESISTANCE TO VIBRATION
Specification
95% of each termination end should be covered with
fresh solder
Measuring Conditions
Dip device in eutectic solder at 230 ± 5°C for
2 ± .5 seconds
Figure 2. Bend Strength
Figure 1.
Terminal Adhesion
SOLDERABILITY
Specification
Appearance:
No visual defects
Capacitance Variation
C0G (NP0): ± 5% or ± .5pF, whichever is larger
X7R:
≤ ± 12%
Z5U:
≤ ± 30%
Y5V:
≤ ± 30%
Insulation Resistance
C0G (NP0):
≥ Initial Value x 0.3
X7R:
≥ Initial Value x 0.3
Z5U:
≥ Initial Value x 0.1
Y5V:
≥ Initial Value x 0.1
Measuring Conditions
Please refer to Figure 2
Deflection:
2mm
Test Time:
30 seconds
BEND STRENGTH
Specification
Appearance:
No serious defects, <25% leaching of either end
terminal
Capacitance Variation
C0G (NP0): ± 2.5% or ± 2.5pF, whichever is greater
X7R:
≤ ± 7.5%
Z5U:
≤ ± 20%
Y5V:
≤ ± 20%
Q, Tan Delta
To meet initial requirement
Insulation Resistance
To meet initial requirement
Dielectric Strength
No problem observed
Measuring Conditions
Dip device in eutectic solder at 260°C, for 1 minute.
Store at room temperature for 48 hours (24 hours for
C0G (NP0)) before measuring electrical parameters.
Part sizes larger than 3.20mm x 2.49mm are reheated
at 150°C for 30 ±5 seconds before performing test.
RESISTANCE TO SOLDER HEAT
Speed = 1mm/sec
R340mm
Supports
2mm
Deflection
45mm
45mm
5N FORCE
DEVICE UNDER TEST
TEST BOARD


Similar Part No. - 08052A100DAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08052A101B72A AVX-08052A101B72A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08052A101BA2A AVX-08052A101BA2A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08052A101BA72A AVX-08052A101BA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08052A101BA72A AVX-08052A101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08052A101BA72A ETC2-08052A101BA72A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results

Similar Description - 08052A100DAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com