Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS12204 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS12204
Description  121.8MHz SAW Filter 2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12204 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS12204 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12204 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12204 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12204
Rev. Date
2006-8-13
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
121.8MHz SAW Filter
2MHz Bandwidth
Part Number: LBS12204
Typical Performance
Frequency Respond
Passband Respond
115.8
117
118.2
119.4
120.6
121.8
123
124.2
125.4
126.6
127.8
-103.773
-93.773
-83.773
-73.773
-63.773
-53.773
-43.773
-33.773
-23.773
-13.773
120.5
121
121.5
122
122.5
123
-26
-25.5
-25
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
Group Delay Variation(f0±0.8MHz)
Phase Linearity(f0±0.8MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS12204

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12204 SIPAT-LBS12204 Datasheet
144Kb / 3P
   121.8MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS12204

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12204 SIPAT-LBS12204 Datasheet
144Kb / 3P
   121.8MHz SAW Filter 2MHz Bandwidth
LBT12101 SIPAT-LBT12101 Datasheet
139Kb / 3P
   121.8MHz SAW Filter 7.8MHz Bandwidth
LBN12205 SIPAT-LBN12205 Datasheet
160Kb / 4P
   121.8MHz SAW Filter 25MHz Bandwidth
LBN12205 SIPAT-LBN12205 Datasheet
165Kb / 4P
   121.8MHz SAW Filter 25MHz Bandwidth
LBT12101 SIPAT-LBT12101 Datasheet
145Kb / 3P
   121.8MHz SAW Filter 7.8MHz Bandwidth
LBS07603 SIPAT-LBS07603 Datasheet
143Kb / 3P
   76MHz SAW Filter 2MHz Bandwidth
LBS20402 SIPAT-LBS20402 Datasheet
287Kb / 3P
   204MHz SAW Filter 2MHz Bandwidth
LBT08035 SIPAT-LBT08035 Datasheet
151Kb / 3P
   80MHz SAW Filter 2MHz Bandwidth
LBT45802 SIPAT-LBT45802 Datasheet
262Kb / 3P
   458MHz SAW Filter 2MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
   414.5MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com