Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS12202 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS12202
Description  122.75MHz SAW Filter 2.5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12202 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS12202 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12202 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12202 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12202
Rev. Date
2005-12-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
122.75MHz SAW Filter
2.5MHz Bandwidth
Part Number:LBS12202
Typical Performance
Frequency Respond
Passband Respond
114 75
116 75
118 75
120 75
122 75
124 75
126 75
128 75
130 75
-80.2743
-70.2743
-60.2743
-50.2743
-40.2743
-30.2743
-20.2743
121.5
122
122.5
123
123.5
124
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
Group Delay Variation(f0±1.2MHz)
Phase Linearity(f0±1.2MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS12202

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12202 SIPAT-LBS12202 Datasheet
144Kb / 3P
   122.75MHz SAW Filter 2.5MHz Bandwidth
More results

Similar Description - LBS12202

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12202 SIPAT-LBS12202 Datasheet
144Kb / 3P
   122.75MHz SAW Filter 2.5MHz Bandwidth
LBS12303 SIPAT-LBS12303 Datasheet
145Kb / 3P
   122.75MHz SAW Filter 2.6MHz Bandwidth
LBS12303 SIPAT-LBS12303 Datasheet
145Kb / 3P
   122.75MHz SAW Filter 2.6MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
346Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
   106.5MHz SAW Filter 2.5MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
   2.5MHz SAW Filter 70MHz Bandwidth
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
   106.5MHz SAW Filter 2.5MHz Bandwidth
LBS16604 SIPAT-LBS16604 Datasheet
256Kb / 3P
   166.35MHz SAW Filter 2.5MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
287Kb / 3P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16018 SIPAT-LBS16018 Datasheet
148Kb / 4P
   160MHz High-Loss SAW Filter 2.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com