Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS12016 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS12016
Description  120MHz SAW Filter 4MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12016 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS12016 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12016 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12016 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12016
Rev. Date
2005-9-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
120MHz SAW Filter
4MHz Bandwidth
Part Number: LBS12016
Typical Performance
Frequency Respond
Passband Respond
112
114
116
118
120
122
124
126
128
-95.7583
-85.7583
-75.7583
-65.7583
-55.7583
-45.7583
-35.7583
-25.7583
117.5
118
118.5
119
119.5
120
120.5
121
121.5
122
122.5
-30
-29
-28
-27
-26
-25
-24
-23
-22
-21
Group Delay Variation(f0±2MHz)
Phase Linearity(f0±2MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS12016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12016 SIPAT-LBS12016 Datasheet
146Kb / 3P
   120MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS12016

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12016 SIPAT-LBS12016 Datasheet
146Kb / 3P
   120MHz SAW Filter 4MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
141Kb / 3P
   120MHz SAW Filter 24.1MHz Bandwidth
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT12021 SIPAT-LBT12021 Datasheet
138Kb / 3P
   120MHz SAW Filter 7MHz Bandwidth
LBN12012 SIPAT-LBN12012 Datasheet
193Kb / 3P
   120MHz SAW Filter 15MHz Bandwidth
LBN12017 SIPAT-LBN12017 Datasheet
146Kb / 3P
   120MHz SAW Filter 24.1MHz Bandwidth
LBT12023 SIPAT-LBT12023 Datasheet
145Kb / 3P
   120MHz SAW Filter 6MHz Bandwidth
LBS12038 SIPAT-LBS12038 Datasheet
149Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
LBS12031 SIPAT-LBS12031 Datasheet
145Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
LBN12037 SIPAT-LBN12037 Datasheet
148Kb / 3P
   120MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com