Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SM4T7V5A Datasheet(PDF) 6 Page - STMicroelectronics

Part No. SM4T7V5A
Description  TRANSIL
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

SM4T7V5A Datasheet(HTML) 6 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SOD 6 (Plastic).
Packaging : standard packaging is in film.
PACKAGE MECHANICAL DATA
F
BC
D
a1
A
E
ORDER CODE
SM 4 T
100
C A
TOLERANCE :
A= +/- 5%
= +/- 10%
Ref
Millimeters
Inches
min
max
min
max
A
2.48
2.61
0.096
0.103
a1
0.10
0.20
0.004
0.008
B
1.96
2.11
0.077
0.083
C
3.65
3.93
0.143
0.155
D
5.39
5.59
0.212
0.220
E
4.15
4.30
0.163
0.170
F
1.00
1.27
0.039
0.050
Weight = 0.12 g.
BIDIRECTIONAL
SURFACE MOUNT
BREAKDOWN VOLTAGE
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
400 WATT
a
bb
c
FOOTPRINT DIMENSIONS (Millimeter).
SOD 6 Plastic.
Ref
Millimeters
a2.75
b1.52
c2.30
SM4Txx
6/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ITAXXU1TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
1.5KE6V8ATRANSIL UNIAND BIDIRECTIONALTYPES 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1-4F1QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
BZW04-5V8TRANSIL 1 2 3 4 5 MoreSTMicroelectronics
ESDALC6V1P5QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
BZW06-5V8TRANSIL 1 2 3 4 5 MoreSTMicroelectronics
SM6HTHIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreSTMicroelectronics
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ITAXXB1BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA25DB3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn