Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

632T5C Datasheet(PDF) 2 Page - CTS Corporation

Part # 632T5C
Description  HCMOS/TTL CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

632T5C Datasheet(HTML) 2 Page - CTS Corporation

  632T5C Datasheet HTML 1Page - CTS Corporation 632T5C Datasheet HTML 2Page - CTS Corporation 632T5C Datasheet HTML 3Page - CTS Corporation 632T5C Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0328-0
Page 2 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 632
3.2x2.5mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
4.0
V
Storage Temperature
TSTG
--55
-
125
°C
Frequency Range
(See Note 1)
fO
-1.0
-
75
MHz
Frequency Stability
(See Note 2 and Ordering Information)
∆f/fO
--
-
50
± ppm
Aging
∆f/fO
--
-
3
± ppm/yr
Operating Temperature
Commercial
-10
70
Industrial
-40
85
Supply Voltage
Model 632M
1.62
1.8
1.98
Model 632N
2.25
2.5
2.75
Model 632T
2.52
2.8
3.08
Model 632L
2.97
3.3
3.63
Supply Current
1.0 MHz to 20 MHz
CL=15pF
--
6
20.1 MHz to 40 MHz
CL=15pF
--
7
40.1 MHz to 75 MHz
CL=15pF
--
10
1.0 MHz to 20 MHz
CL=15pF
--
8
20.1 MHz to 40 MHz
CL=15pF
--
10
40.1 MHz to 75 MHz
CL=15pF
--
10
1.0 MHz to 20 MHz
CL=15pF
--
10
20.1 MHz to 40 MHz
CL=15pF
--
15
40.1 MHz to 75 MHz
CL=15pF
--
15
Output Load
CL
15
pF
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
90%VCC
--
Logic '0' Level
VOL
CMOS Load
-
-
10%VCC
Output Current
Logic '1' Level
IOH
VOH = 90%VCC (1.8V, 2.5/2.8V, 3.3V)
-
-
-2, -4, -8
Logic '0' Level
IOL
VOL = 10%VCC (1.8V, 2.5/2.8V, 3.3V)
-
-
+2, +4, +8
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
TR, TF
@ 10% - 90% Levels, CL = 15 pF
10
ns
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
0.7*VCC
--
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.3*VCC
Enable Time
TPLZ
Pin 1 Logic '1'
-
-
10
ms
Standby Current
IST
Pin 1 Logic '0', Output Disabled
-
-
10
uA
Period Jitter, Pk-Pk
--
-
-
100
Period Jitter, RMS
--
-
-
25
Phase Jitter, RMS
-
Bandwidth 12 kHz - 20 MHz
-
< 2
-
Notes:
1.
2.
TA
-°C
25
VCC
± 10 %
V
ICC
mA
V
mA
V
Model 632M
Model 632N / Model 632T
Model 632L
Contact factory for available frequencies.
ps
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and aging.


Similar Part No. - 632T5C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
632 OSCILENT-632 Datasheet
141Kb / 2P
   Low Frequencies
logo
EDAC, All Rights Reserv...
632-015-266-031 EDAC-632-015-266-031 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-032 ETC2-632-015-266-032 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
632-015-266-032 EDAC-632-015-266-032 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
More results

Similar Description - 632T5C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
CB1V8 CTS-CB1V8 Datasheet
125Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-7050H QUARTZCOM-MCO-7050H Datasheet
89Kb / 1P
   Thru-hole Clock Oscillator HCMOS / TTL
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
logo
List of Unclassifed Man...
OAH3 ETC2-OAH3 Datasheet
75Kb / 1P
   HCMOS/TTL Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com