Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-30W Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E3C-30W
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-30W Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E3C-30W Datasheet HTML 8Page - Omron Electronics LLC E3C-30W Datasheet HTML 9Page - Omron Electronics LLC E3C-30W Datasheet HTML 10Page - Omron Electronics LLC E3C-30W Datasheet HTML 11Page - Omron Electronics LLC E3C-30W Datasheet HTML 12Page - Omron Electronics LLC E3C-30W Datasheet HTML 13Page - Omron Electronics LLC E3C-30W Datasheet HTML 14Page - Omron Electronics LLC E3C-30W Datasheet HTML 15Page - Omron Electronics LLC E3C-30W Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
E3C
E3C
17
E3C-C ON-Delay Timing Chart
E3C-C One-Shot Timing Chart
E3C-C OFF-Delay Timing Chart
s E3C-JB4P, E3C-JC4P AMPLIFIERS
Timing Charts
Light-ON
Light beam
Incident
Interrupted
LIGHT
ON
indicator
OFF
Transistor Output
ON
(1 ms)
OFF
Transistor Output
ON
(40 ms OFF-delay)
OFF
Dark-ON
Light beam
Incident
Interrupted
LIGHT
ON
indicator
OFF
Transistor Output
ON
(1 ms)
OFF
Transistor Output
ON
(40 ms OFF-delay)
OFF
Light-ON/
Dark-ON
operation
selector
switch
Sensitivity
adjuster
OFF-delay
selector
switch
Stability
indicator
(green LED)
Light
incident
(red LED)
The alarm output operates when the control output approaches
critical OFF or ON state for more than 300 ms. An unstable
state occurs when the amount of light incident upon the
receiving element is within 20% of the amount of light needed
to change the control output state.
The alarm output feature is designed to indicate gradual
changes in sensor/reflector position, atmosphere, temperature
or ambient light which result in an unstable control output. A
change occurring less than 300 ms will not cause the alarm
output to operate.
A 300 ms time delay is built into the alarm output circuit. This
prevents false triggering of the alarm output as the leading and
trailing edges of the object to be detected are sensed. The
time can be extended by using an ON-delay timer in the circuit.
Alarm Output Timing Chart
On
Off
On
Off
300 ms max.
300 ms max.
Operation level 120%
Operation level
Operation level 80%
Control output
(light on mode)
Self-diagnostic
output
Timing Charts


Similar Part No. - E3C-30W

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-1 OMRON-E3C-1 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-2 OMRON-E3C-2 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-A OMRON-E3C-A Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-A OMRON-E3C-A Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
More results

Similar Description - E3C-30W

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com