Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-DS1 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3C-DS1
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-DS1 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3C-DS1 Datasheet HTML 8Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 9Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 10Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 11Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 12Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 13Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 14Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 15Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
E3C
E3C
14
s MOUNTING TRACK AND ACCESSORIES
PFP-100N/PFP-50N DIN Rail
PFP-M End Plate
PFP-S Spacer
Amplifier
Sensors
model
Through-beam type
Diffuse reflective type
E3C-S10, E3C-S20W, E3C-S30s, E3C-S50, E3C-1, E3C-2
E3C-DS5W, E3C-DS10
E3C-A,
E3C-C
E3C-JB4P
and
E3C-JC4P
E3C-GE4
Notes
*Shielded wires must not be peeled in excess of 2 cm
*Shielded wires must not be peeled in excess of 2 cm
(0.787 in) for receiver (white lead) and 5 cm (1.969 in) for
(0.787 in).
the light source (red lead).
**Response time is 1 ms when terminal 8 is left open and
**Response time is 1 ms when terminal 8 is left open and
2 ms when terminal 8 is short-circuited with the 0 V
2 ms when terminal 8 is short-circuited with the
terminal of the power supply (negative side).
0 V terminal of the power supply (negative side).
Connections


Similar Part No. - E3C-DS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-DS10 OMRON-E3C-DS10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-DS102M OMRON-E3C-DS102M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-DS10T2M OMRON-E3C-DS10T2M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
More results

Similar Description - E3C-DS1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com