Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-DS1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3C-DS1
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-DS1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3C-DS1 Datasheet HTML 1Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 2Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 3Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 4Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 5Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 6Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 7Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 8Page - Omron Electronics LLC E3C-DS1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
E3C
E3C
2
Shape
Fits 1/16 DIN
For S3D8
Miniature
Slim, prewired
panel cutout
controller
Supply voltage
100 to 240 VAC, 50/60 Hz
12 to 24 VDC
Output
Relay and NPN solid-state
NPN and PNP
NPN
PNP
NPN
PNP
solid-state
solid-state
solid-state
Timer functions
ON-delay
40 ms OFF-delay
OFF-delay
One-shot
Mounting style
Socket (included)
Track
Socket Track
(order separately)
Part number
E3C-A
E3C-C
E3C-WH4F
E3C-GE4
E3C-GF4
E3C-JC4P
E3C-JB4P
Special-Purpose Photoelectric Sensors
E3C
Miniature Sensors with Separate
Amplifiers Fit Tight Spaces
s Fast, 1 ms response time
s Light incident indicator on sensor
s Dust-resistant flat lens surface
s New, thin side view model
s Prewired sensors have 2 m (6.56 ft) cable
s Amplifier with built-in ON-, OFF- and one-
shot delays available
s New prewired DC amplifier designed for
track mounting has alarm output to signal
unstable sensing conditions
s SENSORS
Ordering Information
Through-beam Type
Shape
Sensing distance 10 cm (3.94 in)
20 cm (7.87 in
30 cm (11.81 in)
50 cm (19.69 in)
1 m (3.28 ft)
2 m (6.56 ft)
Part number
E3C-S10
E3C-S20W
E3C-S30W
E3C-S30T
E3C-S50
E3C-1
E3C-2
Diffuse Reflective Type
Shape
Sensing distance
5 cm (1.97 in)
10 cm (3.94 in)
Part number
E3C-DS5W
E3C-DS10
s AMPLIFIERS


Similar Part No. - E3C-DS1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-DS10 OMRON-E3C-DS10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-DS102M OMRON-E3C-DS102M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-DS10T2M OMRON-E3C-DS10T2M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
More results

Similar Description - E3C-DS1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com