Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3C-DM5 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E3C-DM5
Description  Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-DM5 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3C-DM5 Datasheet HTML 8Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 9Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 10Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 11Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 12Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 13Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 14Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 15Page - Omron Electronics LLC E3C-DM5 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
E3C
E3C
16
s E3C-C AMPLIFIER
Selecting timer function
ON D.
(ON-delay)
operation
OFF D.
(OFF-delay)
operation
O.S.D.
(One-shot
delay)
operation
Gate input operation
When the gate input terminal 9 is opened at HIGH level (6 to 30
VDC), the output relay performs the timer operation according
to the input signal (light incident or light interrupted).
When the gate input terminal 9 is short-circuited with the 0 V
terminal 2 at LOW level (0 to 2 VDC), the output relay releases
without regard to the input signal or output state. The terminal
generates an inhibit signal.
Selection of operation mode
Selection of response time
Setting the delay time


Similar Part No. - E3C-DM5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-DS10 OMRON-E3C-DS10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-DS102M OMRON-E3C-DS102M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-DS10T2M OMRON-E3C-DS10T2M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
E3C-DS5W OMRON-E3C-DS5W Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-DS5W2M OMRON-E3C-DS5W2M Datasheet
1Mb / 16P
   Compact Head Amplifier-separated Photoelectric Sensor
More results

Similar Description - E3C-DM5

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com