Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8TS02512F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8TS02512F
Description  Switch Mode Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8TS02512F Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8TS02512F Datasheet HTML 1Page - Omron Electronics LLC S8TS02512F Datasheet HTML 2Page - Omron Electronics LLC S8TS02512F Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Switch Mode Power Supply
S8TS
B-55
5-V Models (Basic Block: S8TS-02505
@)
Note 1. If set to less than
−10%, the undervoltage detection function may operate. Ensure that the output capacity and output current after adjust-
ment do not exceed the rated output capacity and rated output current respectively.
2. The output current is specified at power output terminals.
3. Refer to the explanations of functions on page B-56 for details.
4. Be sure to mount End Plates (PFP-M) on both ends of the Power Supply.
■ Reference Value
Item
Single operation
Efficiency (typical)
62% min. (with rated input, 100% load)
Input
Voltage
100 to 240 VAC (85 to 264 VAC)
Frequency
50/60 Hz (47 to 63 Hz)
Current
100 V input
0.7 A max.
200 V input
0.4 A max.
Power factor
0.8 min. (with rated input, 100% load)
Leakage current
100 V input
0.35 mA max.
240 V input
0.7 mA max.
Inrush current
(25°C, cold start)
(See note 2.)
100 V input
25 A max.
200 V input
50 A max.
Output (See
note 2.)
Voltage adjustment range
5 V
± 10% (with V. ADJ) (See note 1.)
Ripple
2% (p-p) max.
Input variation influence
0.5% max. (with 85 to 264 VAC input, 100% load)
Temperature variation influence
0.05%/
°C max. (with rated input and output)
Load variation influence
1.5% max. (with rated input, 10% to 100% load)
Startup time (See note 3.)
1,000 ms max.
Hold time (See note 3.)
20 ms min. (with 100/200 VAC, rated input)
Additional
functions
Overcurrent protection (See note 3.)
105% to 125% of rated load current, inverted L drop type, automatic reset
Overvoltage protection (See note 3.)
Yes
Parallel operation
No
N+1 redundant system
No
Series operation
Yes (with the external diode)
Undervoltage indicator (See note 3.)
Yes (color: red)
Undervoltage detection output (See note
3.)
Yes (open collector output), 30 VDC max., 50 mA max.
Other
Ambient operating temperature (See note
3.)
Operating:
Refer to the derating curve in Engineering Data.
Storage:
−25 to 65°C (with no icing or condensation)
Ambient humidity
Operating:
25% to 85%, Storage: 25% to 90%
Dielectric strength
3.0 kVAC, 50/60 Hz for 1 minute (between all inputs and all outputs; detection current: 20 mA)
2.0 kVAC, 50/60 Hz for 1 minute (between all inputs and GR terminal; detection current: 20 mA)
1.0 kVAC for 1 minute (between all outputs and GR terminal; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs, and between all outputs and GR terminal) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, and ±Z directions
Output indicator
Yes (color: green)
Electromagnetic interference
Conforms to FCC Class A, EN50081-1
EMI
Conforms to EN50081-1/1992
Power factor correction
Conforms to EN61000-3-2, EN61000-3-2A14
EMS
Conforms to EN61000-6-2/1999
Approved standards
UL:
508 (Listing), 1950, 1604 (Class I, Division 2, Groups A, B, C, D
Hazardous Locations)
cUL:
CSA C22.2 No.14, No.213 (Class I, Division 2, Groups A, B, C, D
Hazardous Locations), No. 950
EN/VDE:
EN50178 (=VDE0160), 60950 (=VDE0806)
Weight
450 g max.
Item
Value
Definition
Reliability (MTBF)
250,000 hrs min.
MTBF stands for Mean Time Between Failures, which is calculated according to the probability of acci-
dental device failures, and indicates reliability of devices. Therefore, it does not necessarily represent the
life of the product.
Life expectancy
10 yrs min.
The life expectancy indicates average operating hours under the ambient temperature of 40
°C and a load
rate of 50%. Normally this is determined by the life expectancy of the built-in aluminum electrolytic ca-
pacitor.


Similar Part No. - S8TS02512F

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
S8T26AF AMD-S8T26AF Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
S8T28F AMD-S8T28F Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
More results

Similar Description - S8TS02512F

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com