Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRM2D53-20.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CRM2D53-20.000
Description  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CRM2D53-20.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CRM2D53-20.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021014 Rev. B
Specifications subject to change without notice.
Designed to provide
traditional crystal
design flexibility of the
HC49 in a smaller UM-1
package. Custom lead
forming available for
SMD applications.
UM-1 Leaded Crystal
CRMxx Model
10MHz to 50MHz (fund)
20MHz to 100MHz (3rd O/T)
50MHz to 200MHz (5th O/T)
±10ppm to ±100ppm
±10ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
7.0pF Max
100 uW Typical
see table 1
**Custom Designs Available
Frequency Range:
Frequency Tolerance:
Frequency Stability:
Temperature Range:
(Option)
(Option)
Storage:
Shunt Capacitance:
Drive Level:
ESR:
Freq. (MHz)
Max ESR
10.0 - 18.0
60
18.1 - 50.0
40
20.0 - 100.0
60
50.0 - 200.0
100
Resistance at series resonance
Table 1
Aging:
CRM X X X X - Freq
Example:
CRM4F51-20.000 = ±25ppm at 25°C, ±50ppm 0 to 70°C, 20pF Load Cap, Fundamental, 20.000MHz
Mode
Frequency Tolerance
at 25°C
1 ±10 ppm
2 ±15 ppm
3 ±20 ppm
4 ±25 ppm
5 ±30 ppm
6 ±50 ppm
7 ±100 ppm
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
±10 ppm
±15 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
±15 ppm
±20 ppm
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
±30ppm
±50 ppm
±100 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
Frequency Stability
over Temp Range
Load
Capacitance
1
2
3
4
5
6
7
8
Series
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
1
3
5
Fundamental 10-50 MHz
3rd Overtone 20-100 MHz
5th Overtone 50-200 MHz
CRY
Freq
0.314
(8.0)
0.091
(2.31)
0.291
(7.40)
0.314
(8.0)
0.126
(3.20)
0.018
(0.46)
0.148 ±0.008
(3.76 ±0.20)
0.500 Min
(12.70 Min)
DC
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
<3ppm 1st/yr Max
Quartz Crystal
43
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CRM2D53-20.000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRM200 ETC2-CRM200 Datasheet
2Mb / 36P
   Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
logo
RHOPOINT COMPONENTS
CRM2010 RHOPOINT-CRM2010 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
CRM2010 BOURNS-CRM2010 Datasheet
300Kb / 3P
   CRM0805/1206/2010 Chip Resistors
CRM2010-FW-R100ELF BOURNS-CRM2010-FW-R100ELF Datasheet
300Kb / 3P
   CRM0805,1206,2010 Chip Resistors
More results

Similar Description - CRM2D53-20.000

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com