Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J5684-K62 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # J5684-K62
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J5684-K62 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button J5684-K62 Datasheet HTML 5Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 6Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 7Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 8Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 9Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 10Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 11Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 12Page - List of Unclassifed Manufacturers J5684-K62 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Siemens Matsushita Components
35
Chip thickness: u: 0,6
± 0,1 mm
r
: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 50 Vdc, AgNiSn terminations
Size
0603/1608
0805/2012
1206/3216
1210/3225
CR
Ordering code 1)
B37931-
B37941-
B37872-
B37950-
220,0 pF
270,0 pF
330,0 pF
390,0 pF
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27,0 nF
33,0 nF
39,0 nF
47,0 nF
56,0 nF
68,0 nF
82,0 nF
100
nF
120
nF
150
nF
180
nF
220
nF
-K5221-K60
-K5271-K60
-K5331-K60
-K5391-K60
-K5471-K60
-K5561-K60
-K5681-K60
-K5821-K60
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K5471-K60
-K5561-K60
-K5681-K60
-K5821-K60
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
-K5123-K60
-K5153-K60
-K5183-K60
-K5223-K60
-K5273-K60
-K5333-K60
-K5393-K60
-K5473-K60
-K5563-K62
-K5683-K62
-K5823-K62
-K5104-K62
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
x
x
x
x
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
-K5123-K60
-K5153-K60
-K5183-K60
-K5223-K60
-K5273-K60
-K5333-K60
-K5393-K60
-K5473-K60
-K5563-K60
-K5683-K60
-K5823-K60
-K5104-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K5103-K62
-K5123-K62
-K5153-K62
-K5183-K62
-K5223-K62
-K5273-K62
-K5333-K62
-K5393-K62
-K5473-K62
-K5563-K62
-K5683-K62
-K5823-K62
-K5104-K62
-K5124-K62
-K5154-K62
-K5184-K62
-K5224-K62
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37931-K5221-K60
For other available capacitance tolerances see page 27


Similar Description - J5684-K62

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com