Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHA6518 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part No. CHA6518
Description  5 - 18 GHz High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UMS [United Monolithic Semiconductors]
Homepage  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6518 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA6518 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6518 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5 – 18 GHz High Power Amplifier
CHA6518
Ref. DSCHA65185007 - 7 Jan 05
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical measured characteristics
Measurements in test fixture :
Tamb=25°C, Vd=8V, Id (Quiescient) = 1A, CW Biasing mode, Pin=13dBm
CHA6518 : Maximum Output Power @ 25°C
28
29
30
31
32
33
34
35
36
37
38
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Freq (GHz)
CHA6518 : Power Added Efficieny @ 25°C
0
5
10
15
20
25
30
35
40
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Freq (GHz)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn