Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA5056-QGG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA5056-QGG
Description  17-27GHz High Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5056-QGG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA5056-QGG Datasheet HTML 1Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 2Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 3Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 4Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 5Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 6Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 7Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 8Page - United Monolithic Semiconductors CHA5056-QGG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CHA5056-QGG
17-27GHz High Power Amplifier
Ref. : DSCHA5056QGG7033 - 02 Feb 07
4/12
/Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Tamb = +25°C, Vd1=Vd2=Vd3= +4.5V, Id = 700mA
Refer to the “definition of the Sij reference planes” section below
Freq (GHz) dB (S11) P (S11) (°)
dB (S21) P (S21) (°)
dB (S12) P (S12) (°)
dB (S22) P (S22) (°)
1
-0,6
155
-48,5
-19
-83,8
-103
-0,4
154
2
-0,5
130
-50,6
-85
-69,9
-77
-0,6
129
3
-0,6
106
-59,4
-155
-66,8
-28
-0,7
102
4
-0,7
81
-54,7
106
-66,3
4
-0,7
75
5
-0,8
55
-51,0
4
-75,4
-2
-0,9
45
6
-1,0
30
-50,9
-87
-71,1
-176
-1,0
14
7
-1,1
4
-53,6
26
-69,8
-144
-1,1
-21
8
-1,4
-23
-30,2
-34
-61,0
36
-1,3
-62
9
-1,6
-50
-18,8
-132
-60,1
-66
-1,8
-111
10
-1,8
-77
-11,9
132
-55,3
-156
-3,0
-174
11
-2,0
-107
-6,8
45
-56,7
162
-5,3
113
12
-2,2
-136
-2,4
-37
-61,9
123
-8,7
34
13
-2,5
-166
1,7
-115
-57,4
133
-11,8
-38
14
-3,4
162
6,4
170
-49,0
84
-13,3
-90
15
-5,3
128
11,7
85
-49,5
35
-16,0
-114
16
-8,9
92
15,9
-12
-50,3
2
-13,5
-110
17
-14,3
48
17,7
-114
-51,7
-36
-10,4
-141
18
-19,4
-41
17,6
151
-63,7
37
-9,7
-171
19
-15,1
-114
17,0
63
-55,0
6
-10,1
161
20
-11,8
-147
16,4
-19
-53,1
-22
-11,8
136
21
-9,5
-179
16,1
-99
-59,2
-55
-14,5
108
22
-9,0
151
16,4
-179
-56,7
-7
-20,8
76
23
-9,5
113
17,3
97
-62,7
102
-34,0
-44
24
-11,8
65
18,6
3
-52,0
31
-22,0
-143
25
-18,3
-10
20,0
-107
-45,7
7
-16,9
-160
26
-20,9
-178
18,6
123
-46,5
-8
-13,9
173
27
-13,9
78
14,1
-10
-42,4
-17
-12,6
123
28
-8,4
2
4,5
-162
-40,9
-37
-11,0
12
29
-5,9
-54
-12,8
77
-38,1
-47
-7,9
-78
30
-4,1
-96
-28,0
-43
-33,5
-75
-5,4
-127
31
-3,1
-131
-30,5
-122
-31,5
-123
-3,9
-162
32
-2,3
-160
-32,1
-171
-33,2
-172
-3,4
172
33
-1,8
175
-35,3
145
-37,5
162
-3,0
148
34
-1,6
153
-39,2
130
-40,2
155
-3,3
125
35
-1,4
134
-44,2
172
-41,1
153
-6,2
95
36
-1,2
118
-43,7
150
-40,8
138
-9,3
161
37
-1,0
103
-47,4
160
-43,5
90
-2,4
134
38
-1,0
90
-40,6
83
-49,6
84
-0,8
112
39
-1,0
75
-52,6
28
-51,7
97
-0,6
97
40
-1,5
60
-43,9
-133
-51,7
115
-0,1
82


Similar Part No. - CHA5056-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5056 UMS-CHA5056 Datasheet
273Kb / 8P
   17-27GHz High Power Amplifier
More results

Similar Description - CHA5056-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5056 UMS-CHA5056 Datasheet
273Kb / 8P
   17-27GHz High Power Amplifier
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
   17-27GHz Variable Gain Amplifier
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
logo
Eudyna Devices Inc
FMM5807X EUDYNA-FMM5807X Datasheet
866Kb / 4P
   21-27GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA5293A UMS-CHA5293A Datasheet
149Kb / 7P
   17-24GHz High Power Amplifier
CHA5293A UMS-CHA5293A_06 Datasheet
228Kb / 8P
   17-24GHz High Power Amplifier
CHA2260-QAG UMS-CHA2260-QAG_15 Datasheet
555Kb / 14P
   18-27GHz Low Noise Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com