Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3694 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA3694
Description  31-40GHz Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3694 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA3694 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 10Page - United Monolithic Semiconductors CHA3694 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
31-40GHz Variable Gain Amplifier
CHA3694
Ref. : DSCHA3694-8155 - 03 Jun 08
7/12
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performance in Test Fixture
Vd = +3.5V, Vg tuned for Id = 160mA
Measurements in test fixture, using the proposed chip assembly, as defined page 10.
Linear Gain versus Frequency and Temperature
Return Losses versus Frequency and Gain Control Voltage (-1,5V to +0,6V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
Vctrl=-1.5V
Vctrl=-0.6V
Vctrl=-0.5V
Vctrl=-0.4V
Vctrl=+0.6V
-50°C
+25°C
+85°C
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
S22
S11


Similar Part No. - CHA3694

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
327Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
   31-40GHz Variable Gain Amplifier
More results

Similar Description - CHA3694

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694_15 Datasheet
327Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA2097A UMS-CHA2097A Datasheet
120Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA2097A UMS-CHA2097A_15 Datasheet
143Kb / 8P
   20-40GHz Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294 Datasheet
123Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
CHA2098B UMS-CHA2098B Datasheet
106Kb / 8P
   20-40GHz High Gain Buffer Amplifier
CHA2098B UMS-CHA2098B_15 Datasheet
126Kb / 8P
   20-40GHz High Gain Buffer Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com