Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-545P8 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. MGA-545P8
Description  1-7 GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-545P8 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MGA-545P8 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
MGA-545P8 Absolute Maximum Ratings[1]
Parameter
Units
Absolute Maximum
Vd
Device Voltage, RF output to ground
V
5.0
Pin
CW RF Input Power
dBm
20
θjc
Thermal Resistance [2]
°C/W
124
Pdiss Total Power Dissipation[3]
W
0.8
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
–65 to 150
Notes:
1. Operation of this device in excess of any
of these limits may cause permanent
damage.
2. Thermal resistance measured using
150
°C Liquid Crystal Measurement
Technique.
3. Board (package belly) temperature Tb is
25
°C. Derate 8 mW/°C for Tb > 51°C.
Figure 1. Production test circuit.
This circuit represents a match for maximum gain and saturated power.
Figure 2. Close-up of production test board. Rogers 4350 Er = 3.48
± 0.05, thickness = 10 mils.
CONTACTOR
12 pF
10 pF
4.7 nH
0.01 µF
1000 pF
10 pF
1
2
4Tx
10 pF
0.01 µF
VDD
1000 pF
10 pF
50
OPEN-CIRCUITED STUB
(34 mil x 72 mil)
12 pF
50
3
4
8
4.7 nH
7
RF INPUT
6
5
RF OUTPUT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn