Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGA-545P8 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. MGA-545P8
Description  1-7 GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-545P8 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button MGA-545P8 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-545P8 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
MGA-545P8 Typical Scattering Parameters
Tc = 25
°C, Vd = 3.3 V, Zo = 50 Ω
Freq.
S11
S21
S12
S22
K
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
Factor
0.1
0.11
-140.5
24.3
16.33
169.7
-31.9
0.025
0.0
0.04
3.9
1.40
0.2
0.17
-132.4
24.0
15.85
160.1
-31.9
0.025
-0.7
0.04
-1.4
1.40
0.3
0.25
-133.4
23.7
15.34
151.5
-31.9
0.026
-0.6
0.04
-2.7
1.39
0.4
0.30
-137.1
23.3
14.65
144.1
-31.9
0.025
1.0
0.04
-4.6
1.40
0.5
0.35
-139.0
22.9
13.96
136.5
-31.8
0.026
2.4
0.06
-10.5
1.40
0.6
0.40
-144.4
22.4
13.26
131.2
-31.8
0.026
3.7
0.07
-13.2
1.38
0.7
0.44
-149.7
21.9
12.51
124.6
-31.8
0.026
4.7
0.07
-17.5
1.39
0.8
0.47
-153.9
21.4
11.80
119.2
-31.6
0.026
5.8
0.07
-22.9
1.38
0.9
0.50
-158.5
20.9
11.11
113.9
-31.6
0.026
7.2
0.07
-28.3
1.40
1.0
0.52
-162.8
20.4
10.51
109.3
-31.4
0.027
7.8
0.08
-31.7
1.40
1.5
0.59
179.0
18.2
8.09
89.5
-30.6
0.029
13.2
0.10
-48.5
1.42
1.9
0.61
166.5
16.7
6.81
78.0
-29.9
0.032
15.6
0.11
-60.5
1.45
2.0
0.62
163.8
16.2
6.47
75.8
-29.7
0.033
16.2
0.11
-67.5
1.49
2.4
0.61
153.8
14.9
5.58
65.4
-28.9
0.036
18.2
0.12
-73.8
1.56
3.0
0.62
139.3
13.5
4.71
53.0
-27.6
0.042
17.6
0.14
-74.6
1.54
4.0
0.54
116.5
11.9
3.95
28.6
-25.5
0.053
10.8
0.19
-89.2
1.63
5.0
0.38
87.9
11.4
3.70
0.5
-23.5
0.067
-6.5
0.23
-98.4
1.68
5.1
0.34
83.6
11.3
3.67
-3.4
-23.4
0.068
-9.5
0.24
-99.5
1.71
5.2
0.30
79.2
11.3
3.66
-7.2
-23.3
0.069
-12.3
0.25
-100.6
1.75
5.3
0.26
75.1
11.2
3.62
-11.1
-23.2
0.069
-16.3
0.26
-101.8
1.80
5.4
0.21
70.9
11.1
3.61
-15.5
-23.1
0.070
-18.8
0.27
-103.9
1.83
5.5
0.15
71.0
11.1
3.59
-19.6
-23.1
0.070
-22.9
0.28
-106.9
1.88
5.6
0.11
82.8
10.9
3.53
-23.0
-23.0
0.071
-25.6
0.29
-108.7
1.91
5.7
0.08
99.7
10.9
3.51
-26.0
-22.9
0.072
-27.7
0.29
-109.9
1.91
5.8
0.06
115.1
10.9
3.49
-29.2
-22.8
0.073
-30.4
0.30
-108.9
1.91
5.9
0.06
161.8
10.8
3.48
-33.2
-22.9
0.072
-33.4
0.34
-109.1
1.90
6.0
0.10
-161.5
10.8
3.46
-39.1
-23.0
0.071
-38.4
0.36
-118.8
1.91
6.5
0.43
-166.1
9.7
3.05
-71.8
-25.4
0.054
-70.7
0.47
-136.8
2.20
7.0
0.69
165.0
6.2
2.05
-104.8
-32.3
0.024
-106.7
0.50
-157.6
4.22
8.0
0.87
117.4
-3.7
0.66
-149.2
-33.2
0.022
55.7
0.46
172.0
6.38
9.0
0.91
97.6
-19.0
0.11
-172.2
-26.8
0.046
38.8
0.42
156.3
13.14
10.0
0.93
77.7
-19.3
0.11
-6.4
-23.9
0.064
18.8
0.41
143.1
8.26
11.0
0.90
63.6
-14.1
0.20
-20.6
-22.9
0.072
8.2
0.40
129.3
5.90
12.0
0.95
50.7
-12.1
0.25
-38.3
-21.8
0.081
-5.1
0.42
117.2
2.17
13.0
0.96
41.1
-12.2
0.25
-54.0
-21.4
0.085
-15.7
0.46
102.6
1.72
14.0
0.93
30.7
-12.4
0.24
-59.4
-21.1
0.088
-25.2
0.49
87.6
3.00
15.0
0.91
27.9
-13.1
0.22
-66.6
-20.6
0.093
-29.4
0.53
80.2
3.56
16.0
0.96
22.0
-12.9
0.23
-79.5
-20.4
0.096
-40.0
0.57
70.3
1.74
17.0
0.95
14.4
-13.6
0.21
-88.3
-19.8
0.103
-44.6
0.61
62.9
1.84
18.0
0.96
8.0
-13.6
0.21
-88.0
-19.1
0.111
-56.1
0.62
50.3
1.55


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn