Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD57045 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SD57045
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57045 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SD57045 Datasheet HTML 3Page - STMicroelectronics SD57045 Datasheet HTML 4Page - STMicroelectronics SD57045 Datasheet HTML 5Page - STMicroelectronics SD57045 Datasheet HTML 6Page - STMicroelectronics SD57045 Datasheet HTML 7Page - STMicroelectronics SD57045 Datasheet HTML 8Page - STMicroelectronics SD57045 Datasheet HTML 9Page - STMicroelectronics SD57045 Datasheet HTML 10Page - STMicroelectronics SD57045 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
COMMON SOURCE S-PARAMETERS
(VDS = 13.5 V, IDS = 1.5 A)
FREQ
(MHz)
lS11l
S11
∠φ
lS21l
S21
∠φ
lS12l
S12
∠φ
lS22l
S22
∠φ
50
0.902
-168
14.591
88
0.015
-4
0.781
-170
60
0.902
-169
13.845
88
0.015
-4
0.781
-170
70
0.902
-168
13.069
87
0.014
-5
0.781
-171
80
0.902
-170
12.266
86
0.014
-5
0.781
-171
90
0.902
-170
11.436
86
0.014
-5
0.782
-171
100
0.903
-171
10.587
84
0.014
-6
0.782
-172
150
0.905
-173
6.604
78
0.014
-9
0.788
-173
200
0.910
-174
4.670
71
0.013
-11
0.799
-173
250
0.916
-174
3.588
66
0.013
-12
0.812
-173
300
0.921
-174
2.884
61
0.012
-11
0.825
-173
350
0.927
-175
2.379
56
0.011
-13
0.839
-173
400
0.933
-175
2.005
52
0.011
-14
0.853
-173
450
0.939
-175
1.719
48
0.010
-14
0.866
-173
500
0.944
-175
1.494
45
0.010
-15
0.878
-173
550
0.950
-175
1.317
42
0.009
-14
0.889
-173
600
0.954
-175
1.169
40
0.008
-12
0.899
-173
650
0.957
-175
1.051
38
0.007
-10
0.908
-174
700
0.960
-175
0.942
36
0.007
-5
0.916
-174
750
0.963
-175
0.853
34
0.006
-1
0.923
-174
800
0.966
-175
0.770
32
0.005
7
0.930
-174
850
0.968
-176
0.696
31
0.005
16
0.935
-174
900
0.970
-176
0.630
29
0.005
28
0.940
-174
950
0.972
-176
0.568
28
0.005
40
0.944
-174
1000
0.973
-176
0.515
27
0.005
50
0.948
-174
1050
0.974
-176
0.465
26
0.006
59
0.950
-174
1100
0.926
-177
0.422
25
0.006
66
0.950
-174
1150
0.977
-177
0.301
25
0.007
74
0.949
-175
1200
0.979
-177
0.348
24
0.008
79
0.946
-176
1250
0.980
-177
0.317
24
0.009
83
0.941
-177
1300
0.982
-177
0.292
24
0.010
84
0.934
-178
1350
0.984
-177
0.267
24
0.011
85
0.923
180
1400
0.986
-177
0.248
24
0.012
86
0.910
177
1450
0.989
-177
0.231
24
0.013
87
0.892
175
1500
0.990
-177
0.223
25
0.013
88
0.898
172
SD57045
8/11


Similar Part No. - SD57045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD57045 ETC1-SD57045 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
logo
List of Unclassifed Man...
SD57045-01 ETC1-SD57045-01 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD57045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57060 STMICROELECTRONICS-SD57060 Datasheet
73Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57030-01 STMICROELECTRONICS-SD57030-01 Datasheet
73Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57060-01 STMICROELECTRONICS-SD57060-01 Datasheet
71Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
SD57120 STMICROELECTRONICS-SD57120 Datasheet
63Kb / 7P
   RF POWER TRANSISTORS The LdmoSTFAMILY
logo
Motorola, Inc
TP3019 MOTOROLA-TP3019 Datasheet
121Kb / 3P
   The RF Line UHF Power Transistors
logo
STMicroelectronics
SD57030 STMICROELECTRONICS-SD57030 Datasheet
262Kb / 7P
   RF POWER TRANSISTORS The LdmoST FAMILY
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
logo
Motorola, Inc
MRA0610 MOTOROLA-MRA0610 Datasheet
308Kb / 6P
   THE RF LINE UHF POWER TRANSISTORS
logo
STMicroelectronics
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com