Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC225 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC225
Description  DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC225 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC225 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC225 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC225 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMT -onceramictechnology
Metalcase
IsolationI/O500Veff
EMI/RFIradiatedEN55022-B
Shortcircuitproof
100%burn-inandparametertest
Switchingfrequency:200kHz
DC/DCConverter
SC225
36 Watt
Electricalspecifications(1)
Input voltage ................................................... 18V ÷ 36V DC
Output voltage (2).........................................................
V
Output voltage accuracy .................................................
%
Output current .............................................................. 1,2A
Reualtion line (3) .........................................................
Output ripple (20MHz) .......................................... 200mVpp
Temperature coefficient ......................................... 0,02%/°C
Short circuit protection .................................. current limiting
Isolation I/O .............................................................. 500Veff
Operating temperature range (case) ................ -25°C ÷ +85°C
Storage temperature range ............................ -40°C ÷ +105°C
±15
±2
±
±0,5%
Regulation load (4) ......................................................... ±3%
Efficiency ................................................................... ca 84%
(1) Typical specifications at T =+25°C under nominal line voltage and full-load conditions , unless otherwise noted.
(2)Don’tuseanoutputwithouthisgroundpin
(3)U min÷U max
(4)I=10%÷100%
a
i
i
0
Connections
Pin 1 .................................... +Input
Pin 2 ..................................... -Input
Pin 3 ............................... +Output 1
Pin 4 ................................ -Output 1
Pin 5 ............................... +Output 2
Pin 6 ................................ -Output 2
Pin 7 ..................................... no pin
Productionandsalesoffice
ZonaIndustriale,3-39052Caldaro(BZ)Italy
Tel.:+390471962255-Fax.:+390471965668
http://www.elektra.it-e-mail:info@elektra.it
ELEKTRA srl
SalesofficeforGermany
Arnbacherstr.,32-85247SchwabhausenGermany
Tel.:+49081389161-Fax.:+49081388484
e-mail:elektra.reinstadler@t-online.de
ELEKTRA REINSTADLERGmbH
ISO9001
Registered


Similar Part No. - SC225

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2256B FUMAN-SC2256B Datasheet
427Kb / 8P
   Electronic volume control circuit
SC2256BS FUMAN-SC2256BS Datasheet
427Kb / 8P
   Electronic volume control circuit
logo
SEC Electronics Inc.
SC225KSIT SECELECTRONICS-SC225KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results

Similar Description - SC225

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com