Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD57045-01 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. SD57045-01
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57045-01 Datasheet(HTML) 2 Page - STMicroelectronics

  SD57045-01 Datasheet HTML 1Page - STMicroelectronics SD57045-01 Datasheet HTML 2Page - STMicroelectronics SD57045-01 Datasheet HTML 3Page - STMicroelectronics SD57045-01 Datasheet HTML 4Page - STMicroelectronics SD57045-01 Datasheet HTML 5Page - STMicroelectronics SD57045-01 Datasheet HTML 6Page - STMicroelectronics SD57045-01 Datasheet HTML 7Page - STMicroelectronics SD57045-01 Datasheet HTML 8Page - STMicroelectronics SD57045-01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS =1 mA
65
V
IDSS
VGS =0V
VDS =28 V
1
µA
IGSS
VGS = 20V
VDS =0 V
1
µA
VGS(Q)
VDS = 28V
ID =250 mA
2. 5
5.0
V
VDS( ON)
VGS = 10V
ID =3 A
0.7
0.9
V
GFS
VDS = 10V
ID =5 A
2
2.7
mho
CISS
VGS =0V
VDS = 28V
f = 1MHz
80
pF
COSS
VGS =0V
VDS = 28V
f = 1MHz
40
pF
CRSS
VGS =0V
VDS = 28V
f = 1MHz
3.2
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f = 945 MHz
VDD =28V
IDQ = 250 mA
45
W
IMD3
VDD =28 V
Pout =45 W PEP
IDQ = 250 mA
-32
-28
dBc
GPS
VDD =28 V
Pout =45 W PEP
IDQ = 250 mA
13
15
dB
ηD
VDD =28 V
Pout = 45 W PEP
IDQ = 250 mA
33
40
%
Load
Mismatch
f = 945 MHz
VDD =28 V
Pou t =45 W
IDQ =250 mA
ALL PHASE ANGLES
10: 1
VSW R
Note: f1 = 945.0 MHz
f2 = 945.1 MHz
IMPEDANCE DATA
FREQ .
ZIN (
Ω)ZDL (Ω)
925 MHz
1.27 + j 0.82
2.22 - j 1.63
930 MHz
1.21 + j 0.79
2.24 - j 1.61
945 MHz
1.04 + j 0.71
2.30 - j 1.52
960 MHz
0.93 + j 0.43
2.37 - j 1.37
965 MHz
0.91 + j 0.41
2.43 - j 1.36
REF. 7143895B
SD57045-01
2/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn