Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD57045-01 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. SD57045-01
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57045-01 Datasheet(HTML) 1 Page - STMicroelectronics

  SD57045-01 Datasheet HTML 1Page - STMicroelectronics SD57045-01 Datasheet HTML 2Page - STMicroelectronics SD57045-01 Datasheet HTML 3Page - STMicroelectronics SD57045-01 Datasheet HTML 4Page - STMicroelectronics SD57045-01 Datasheet HTML 5Page - STMicroelectronics SD57045-01 Datasheet HTML 6Page - STMicroelectronics SD57045-01 Datasheet HTML 7Page - STMicroelectronics SD57045-01 Datasheet HTML 8Page - STMicroelectronics SD57045-01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SD57045-01
RF POWER TRANSISTORS
The
LdmoST FAMILY
ADVANCE DATA
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
ν
EXCELLENT THERMAL STABILITY
ν
COMMON SOURCE CONFIGURATION
ν
POUT = 45 W PEP with 13 dB gain @ 945 MHz
ν
BeO FREE PACKAGE
DESCRIPTION
The SD57045-01 is a common source N-Channel
Enhancement-Mode
Lateral
Field-Effect
RF
power
transistor
designed
for
broadband
commercial
and
industrial
applications
at
frequencies up to 1.0 GHz. The SD57045-01 is
designed
for
high
gain
and
broadband
performance operating in common source mode
at 28V. It is ideal for base stations applications
requiring high linearity.
PIN CONNECTION
March 2000
ABSOLUTE MAXIMUM RATINGS (Tcase =25
oC)
Symbol
Parameter
Val ue
Uni t
V(BR)DSS
Drain Source Voltage
65
V
VDGR
Drain-Gat e Voltage (RGS =1M
Ω)
65
V
VGS
Gat e-Source Voltage
± 20
V
ID
Drain Current
5
A
PDISS
Power Dissipation (@ T c= 70
oC)
93
W
Tj
Max. O perat ing Junction Temperature
200
oC
TSTG
Storage Temperature
-65 to 200
oC
THERMAL DATA (Tcase =70
oC)
Rth (j-c)
Rth(c -s)
Junct ion-Case Thermal Resistance
Case-Heatsink Thermal Resist ance
1.4
0.50
oC/W
oC/W
* Determined using a flat aluminum or copper heatsink with thermal compound applied (Dow Corning 340 or equivalent).
®
ORDER CODE
BRANDING
SD57045-01
TSD57045-01
1. Drain
3.Source
2. Gate
M250
(Epoxy sealed)
1/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn